Electronic Components Datasheet Search
  English  ▼

X  

MCCD2007 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MCCD2007
Description  Dual N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCCD2007 Datasheet(HTML) 3 Page - Micro Commercial Components

  MCCD2007 Datasheet HTML 1Page - Micro Commercial Components MCCD2007 Datasheet HTML 2Page - Micro Commercial Components MCCD2007 Datasheet HTML 3Page - Micro Commercial Components MCCD2007 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M C C
R
Revision:
A
20
16/02/03
www.mccsemi.com
3 of 4
Micro Commercial Components
1
0
6
5
0
4
8
12
16
20
0
10
0
20
40
60
80
0
4
16
20
0
20
40
60
80
0
3
0
5
10
15
20
0.4
1.2
0.01
0.1
1
10
25
125
0.55
0.60
0.65
0.70
0.75
0.80
22
2.2V
2.0V
1.8V
1.5V
234
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=1.2V
24
68
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=3A
T
a=25
℃
Pulsed
——
V
GS
R
DS(ON)
T
a=25
℃
Pulsed
V
GS=10V
V
GS=2V
8
12
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
Output Characteristics
1
2
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=5V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
0.6
0.8
1.0
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
℃
Pulsed
V
SD
I
S
——
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
I
D=250uA
Threshold Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com