Electronic Components Datasheet Search
  English  ▼

X  

59090 Datasheet(PDF) 1 Page - Littelfuse

Part # 59090
Description  Reed Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

59090 Datasheet(HTML) 1 Page - Littelfuse

  59090 Datasheet HTML 1Page - Littelfuse 59090 Datasheet HTML 2Page - Littelfuse 59090 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 10/20/15
Specifications are subject to change without notice.
59090 Heavy Duty Vane Sensor
Description
The 59090 is a robust reed vane sensor with integral actuator magnet. It’s
actuation occurs when a suitable low carbon steel vane passes through the slot
between the magnet and switch. It has different contact types such as normally
closed, high voltage normally closed and changeover. It is capable of switching
up to 265Vac/300Vdc at 10VA. It is ideally suited to position and limit sensing,
security, linear actuator, industrial process control and shaft rotation. It is also
suited for heavy duty applications such as off-road and heavy vehicles and
farm machinery.
Reed Sensors
Features
• Sensor and magnet contained in
single housing
• Sensor operates when ferrous vane
passes through slot
• Normally closed standard
• Choice of cable length and
connector
Benefits
• Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
• Quick and reliable single screw
mounting with location feature
• No standby power requirement
Applications
• Position and limit sensing
• Security system switch
• Linear actuators
• Industrial process control
• Shaft rotation sensing
• Off-Highway or Agriculture
equipment compatible
Dimensions
Dimensions in mm (inch)
Vane Sensor > 59090
32.25±0.25
(1.27±.010)
5.75±0.25
(0.22±.010)
Ø4.175±0.075
(0.16±.003)
23.25
(0.915)
32.50±0.25
(1.28±.010)
6.35 NOM.
(0.250)
300±10mm
(11.81±.394)
24.25
(0.955)
Ø6.20/6.00
(0.244/0.236)
Ø6.10±0.10
(0.24±.003)
10.00
(0.394)
5.25±0.25
(0.20±.010)
11.75±0.25
(0.46±.010)
10.00±0.25
(0.40±.010)


Similar Part No. - 59090

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59090 LITTELFUSE-59090 Datasheet
281Kb / 3P
Heavy Duty Vane Sensor
Revised: VL 12/04/25
59090-10-02-X LITTELFUSE-59090-10-02-X Datasheet
281Kb / 3P
Heavy Duty Vane Sensor
Revised: VL 12/04/25
59090-10-05-X LITTELFUSE-59090-10-05-X Datasheet
281Kb / 3P
Heavy Duty Vane Sensor
Revised: VL 12/04/25
59090-10-12-X LITTELFUSE-59090-10-12-X Datasheet
281Kb / 3P
Heavy Duty Vane Sensor
Revised: VL 12/04/25
59090-10-15-X LITTELFUSE-59090-10-15-X Datasheet
281Kb / 3P
Heavy Duty Vane Sensor
Revised: VL 12/04/25
More results

Similar Description - 59090

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
9231291520 MEDER-9231291520 Datasheet
122Kb / 2P
Reed Sensors
logo
Littelfuse
59010 LITTELFUSE-59010 Datasheet
388Kb / 3P
Reed Sensors
59021 LITTELFUSE-59021 Datasheet
421Kb / 3P
Reed Sensors
59025 LITTELFUSE-59025 Datasheet
579Kb / 3P
Reed Sensors
59065 LITTELFUSE-59065 Datasheet
587Kb / 3P
Reed Sensors
59135 LITTELFUSE-59135 Datasheet
585Kb / 3P
Reed Sensors
59140 LITTELFUSE-59140 Datasheet
607Kb / 3P
Reed Sensors
59145 LITTELFUSE-59145 Datasheet
572Kb / 3P
Reed Sensors
59210 LITTELFUSE-59210 Datasheet
237Kb / 2P
Reed Sensors
59250 LITTELFUSE-59250 Datasheet
410Kb / 3P
Reed Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com