Electronic Components Datasheet Search
  English  ▼

X  

GDB Datasheet(PDF) 2 Page - Littelfuse

Part # GDB
Description  Global Distribution Blocks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

GDB Datasheet(HTML) 2 Page - Littelfuse

  GDB Datasheet HTML 1Page - Littelfuse GDB Datasheet HTML 2Page - Littelfuse GDB Datasheet HTML 3Page - Littelfuse GDB Datasheet HTML 4Page - Littelfuse GDB Datasheet HTML 5Page - Littelfuse GDB Datasheet HTML 6Page - Littelfuse GDB Datasheet HTML 7Page - Littelfuse GDB Datasheet HTML 8Page - Littelfuse GDB Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
littelfuse.com
© 2016 Littelfuse Products
Rev: 120616
POWR-GARD® Blocks and Holders Datasheet
2 of 10
Mechanical Specification
CATALOG/
ORDERING
NUMBER
AMP
RATING
PER POLE
(UL)
LINE CONNECTION
LOAD CONNECTION
OPENINGS
PER POLE
OPENING
DIAMETER SCREW TYPE
WIRE
RANGE
TORQUE
LB-IN (NM)
OPENINGS
PER POLE
OPENING
DIAMETER
SCREW
TYPE
WIRE
RANGE
TORQUE
LB-IN (NM)
GDB60801Z
1
80
1
0.28 in
(7.0 mm)
Slotted
#8 – #4
(Cu)
13.5 (1.5)
6
2x 0.28 in
(2x 7.0 mm)
Slotted
#8 - #4
(Cu)
13.5 (1.5)
4x 0.18 in
(4x 4.5 mm)
#10 - #14
(Cu)
7.2 (0.8)
GDB61151Z
1
115
2
0.39 in
(10.0 mm)
Hex 4 mm
#8 – #2
(Cu)
31 (3.5)
6
0.28 in
(7.0 mm)
Slotted
#14 – #4
(Cu)
17.5 (2)
#10 – #6
(Cu)
GDB61153Z
3
115
1
0.39 in
(10.0 mm)
Hex 4mm #8 - #2 (Cu)
31 (3.5)
6
0.25 in
(6.5 mm)
Hex 3mm #14 - #4
(Cu)
17.5 (2)
GDBAD211Z
1
115
1
0.323 in
(8.2 mm)
Hex 4 mm
#14 - #2
(Cu/Al)
35 (4.0) #14 - #10
40 (4.5) #8
45 (5.1) #6 - #4
50 (5.6) #3 - #2
1
0.323 in
(8.2 mm)
Hex 4 mm #14 - #2
(Cu/Al)
35 (4.0) #14 - #10
40 (4.5) #8
45 (5.1) #6 - #4
50 (5.6) #3 - #2
GDBAD241Z
1
115
1
0.312 in
(7.9 mm)
Hex 4 mm
#14 - #2
(Cu/Al)
35 (4.0) #14 - #10
40 (4.)5 #8
45 (5.1) #6 - #4
50 (5.6) #3 - #2
4
0.159 in
(4.0 mm)
Hex 2 mm #14 - #10
(Cu/Al)
7 (0.8)
GDB61601Z
1
160
1
0.49 in
(12.5 mm)
Hex 5mm
#8 - 2/0
(Cu)
35.5 (4)
6
0.28 in
( 7.0 mm)
Slotted
#14 - #4
(Cu)
17.5 (2.0)
GDB61753Z
3
175
1
0.47 in
(12.0 mm)
Hex 5mm
#8 - 2/0
(Cu)
35.5 (4)
6
0.25 in
( 6.5 mm)
Hex 3mm #14 - #4
(Cu)
17.5 (2.0)
GDBAD421Z
1
200
1
0.531 in
(13.5 mm)
Hex 6mm
#14 - 3/0
(Cu/Al)
50 (5.6) #14 - #10
180 (20.3) #8 - 3/0
1
0.531 in
(13.5 mm)
Hex 6mm #14 - 3/0
(Cu/Al)
50 (5.6) #14 - #10
180 (20.3) #8 - 3/0
GDBAP421Z
1
200
1
0.531 in
(13.5 mm)
Hex 6mm
#14 - 3/0
(Cu/Al)
50 (5.6) #14 - #10
180 (20.3) #8 - 3/0
1
0.531 in
(13.5 mm)
Hex 6mm #14 - 3/0
(Cu/Al)
50 (5.6) #14 - #10
180 (20.3) #8 - 3/0
GDBAD451Z
1
200
1
0.531 in
(13.5 mm)
Hex 6mm
#14 - 3/0
(Cu/Al)
50 (5.6) #14 - #10
180 (20.3) #8 - 3/0
4
0.313 in
(7.9mm)
Hex 5mm #14 - #2
(Cu/Al)
40 (4.5) #14 - #10
50 (5.6) #8 - #2
GDBAP451Z
1
200
1
0.531 in
(13.5 mm)
Hex 6mm
#14 - 3/0
(Cu/Al)
50 (5.6) #14 - #10
180 (20.3) #8 - 3/0
4
0.313 in
(7.9mm)
Hex 5mm #14 - #2
(Cu/Al)
40 (4.5) #14 - #10
50 (5.6) #8 - #2
GDB63101Z
1
310
1
0.75 in
(19.0 mm)
Hex 8mm
3/0 - 350
kcmil (Cu)
230 (26.0)
11
2x 0.35 in
(2x 9.0mm)
Slotted
#14 - #2
(Cu)
31 (3.5)
5x 0.25 in
(5x 6.5mm)
#14 - #6
(Cu)
18 (2.0)
4x 0.21 in
(4x 5.3mm)
#14 - #8
(Cu)
GDBAD741Z
1
335
1
0.516 in
(13.1 mm)
Hex
8mm & 6mm
#14 - 400
kcmil
(Cu/Al)
40 (4.5)#14 - #8
80 (9.0) #6 - #2
8
0.375 in
(9.5 mm)
Hex 5mm #14 - #2
(Cu/Al)
40 (4.5) #14 - #8
120 (13.6) #1 - #3/0
275 (31.10 #6 - #1/0
375 (42.4) 2/0 - 400
kcmil
80 (9.0) #6 - #2
GDB SERIES TOUCH-SAFE POWR-BLOKS™
Global Distribution Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com