Electronic Components Datasheet Search
  English  ▼

X  

MCS8810 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MCS8810
Description  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCS8810 Datasheet(HTML) 1 Page - Micro Commercial Components

  MCS8810 Datasheet HTML 1Page - Micro Commercial Components MCS8810 Datasheet HTML 2Page - Micro Commercial Components MCS8810 Datasheet HTML 3Page - Micro Commercial Components MCS8810 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC
S8810
Dual N-Channel
MOSFET
Features
•
Epoxy meets UL 94 V-0 flammability rating
MaximumRatings@25OCUnlessOtherwiseSpecified
Symbol
Parameter
Rating
Unit
VDS
Drain-source Voltage
20
V
ID
Drain Current-Continuous
7
A
IDM
Pulsed Drain Current
(note1)
30
A
VGS
Gate-source Voltage
f
12
V
R
©
JA
125
/W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Revision:
A
20
16/02/03
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
TSSOP-8
•
Advanced trench MOSFET process technology
•
Excellent RDS(ON) and low gate charge
•
Halogen free available upon request by adding suffix "-HF"
A
0.190
0.300
0.007
.012
B
0.650BSC.
0.026BSC.
C
6.250
6.550
0.246
0.258
D
2.900
3.100
0.114
0.122
E
4.300
4.500
0.169
0.177
F
---
1.200
---
0.047
G
0.800
1.000
0.031
0.039
H
0.500
0.700
0.020
0.028
J
0.090
0.200
0.004
0.008
K
0.050
0.150
0.002
0.006
L
0.250TYP.
0.010TYP.
Dimensions
Micro Commercial Components
M C C
R
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 4
Equivalent Circuit
Notes:
1.. Repetit
ive Rating: Pulse width limited by junction temperature.
A
Thermal Resistance Junction to Ambient
•
Moisture Sensitivity Level 1
•
M
arking:S8810
D1/D2 S1 S1 G1
D1/D2 S2 S2 G2
1
2
34
5
6
7
8
C
B
D
E
F
G
H
J
K
L


Similar Part No. - MCS8810

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
More results

Similar Description - MCS8810

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com