Electronic Components Datasheet Search
  English  ▼

X  

MB39C326PW Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB39C326PW
Description  6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C326PW Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB39C326PW Datasheet HTML 10Page - Cypress Semiconductor MB39C326PW Datasheet HTML 11Page - Cypress Semiconductor MB39C326PW Datasheet HTML 12Page - Cypress Semiconductor MB39C326PW Datasheet HTML 13Page - Cypress Semiconductor MB39C326PW Datasheet HTML 14Page - Cypress Semiconductor MB39C326PW Datasheet HTML 15Page - Cypress Semiconductor MB39C326PW Datasheet HTML 16Page - Cypress Semiconductor MB39C326PW Datasheet HTML 17Page - Cypress Semiconductor MB39C326PW Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Document Number: 002-08348 Rev. *B
Page 14 of 22
MB39C326
15. Example of Standard Operation Characteristics
Efficiency vs. Load Current (VIN = 3.7V, PWM mode)
Efficiency vs. Load Current
(VIN = 3.7V, Power save mode, ILIMSEL=H)
Load Current (A)
Load Current (A)
Efficiency vs. Load Current (VO = 3.3V, PWM mode)
Efficiency vs. Load Current
(VO = 3.3V, Power save mode, ILIMSEL=H)
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
0.001
0.010
0.100
1.000
5.5V
3.7V
2.5V
XPS=H
ILIMSEL=L
Input voltage =
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
0.001
0.010
0.100
1.000
5.5V
3.7V
2.5V
XPS=L
ILIMSEL=H
Input voltage =
Load Current (A)
Load Current (A)
Efficiency vs. Load Current (VO = 5.0V, PWM mode)
Efficiency vs. Load Current
(VO = 5.0V, Power save mode, ILIMSEL=H)
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
0.001
0.010
0.100
1.000
5.5V
3.7V
2.5V
XPS=H
ILIMSEL=L
Input voltage =
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
0.001
0.010
0.100
1.000
5.5V
3.7V
2.5V
XPS=L
ILIMSEL=H
Input voltage =
Load Current (A)
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com