Electronic Components Datasheet Search
  English  ▼

X  

MB39C603 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB39C603
Description  Phase Dimmable PSR LED Driver IC for LED Lighting
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C603 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C603 Datasheet HTML 1Page - Cypress Semiconductor MB39C603 Datasheet HTML 2Page - Cypress Semiconductor MB39C603 Datasheet HTML 3Page - Cypress Semiconductor MB39C603 Datasheet HTML 4Page - Cypress Semiconductor MB39C603 Datasheet HTML 5Page - Cypress Semiconductor MB39C603 Datasheet HTML 6Page - Cypress Semiconductor MB39C603 Datasheet HTML 7Page - Cypress Semiconductor MB39C603 Datasheet HTML 8Page - Cypress Semiconductor MB39C603 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MB39C603
Phase Dimmable PSR LED Driver IC
for LED Lighting
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08450 Rev. *B
Revised May 22, 2017
Description
MB39C603 is a Primary Side Regulation (PSR) LED driver IC for LED lighting. Using the information of the primary peak current and
the transformer-energy-zero time, it is able to deliver a well regulated current to the secondary side without using an opto-coupler in
an isolated flyback topology. Operating in critical conduction mode, a smaller transformer is required. In addition, MB39C603 has a
built-in phase dimmable circuit and can constitute flicker less lighting systems for phase dimming with low-component count. It is
most suitable for the general lighting applications, for example replacement of commercial and residential incandescent lamps.
Features
PSR topology in an isolated flyback circuit
High power factor (>0.9 : without dimmer) in Single Conversion
High efficiency (>80 % : without dimmer) and low EMI by detecting transformer zero energy
Built-in phase dimmable circuit
Dimming curve based on conduction angle
Dimmer hold current control
Highly reliable protection functions
Under voltage lock out (UVLO)
Over voltage protection (OVP)
Over current protection (OCP)
Over temperature protection (OTP)
Switching frequency setting : 30 kHz to 133 kHz
Input voltage range VDD : 9 V to 20 V
Input voltage for LED lighting applications : AC110VRMS
Output power range for LED lighting applications : 15 W to 50 W
Package : SOP-14 (5.30 mm × 10.15 mm × 2.25 mm [Max])
Applications
Phase dimmable (Leading/Trailing) LED lighting
LED lighting


Similar Part No. - MB39C603

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
High power factor in single conversion
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
High Power Factor LED Driver IC for LED Lighting
MB39C604 CYPRESS-MB39C604 Datasheet
2Mb / 36P
PSR topology in an isolated flyback circuit
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
Phase Dimmable PSR LED Driver IC for LED Lighting
More results

Similar Description - MB39C603

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
Dimmable CC / CV IC for LED Lighting
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
Dimmable LED Driver IC for Low-voltage Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
AC/DC PSR Controller for Dimmable LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com