Electronic Components Datasheet Search
  English  ▼

X  

MB90F546GSPF Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB90F546GSPF
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F546GSPF Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB90F546GSPF Datasheet HTML 45Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 46Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 47Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 48Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 49Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 50Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 51Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 52Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 49 of 70
MB90540G/545G Series
11.4.5 Bus Timing (Read)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
ALE pulse width
tLHLL
ALE
tCP/2
20
ns
Valid address
 ALE time
tAVLL
ALE,
A16 to A23,
AD00 to AD15
tCP/2
20
ns
ALE
  Address valid time
tLLAX
ALE, AD00 to
AD15
tCP/2
15
ns
Valid address
 RD time
tAVRL
A16 toA23,
AD00 to AD15,
RD
tCP
15
ns
Valid address
 Valid data
input
tAVDV
A16 to A23,
AD00 to AD15
5 tCP/2
60 ns
RD pulse width
tRLRH
RD
3 tCP/2
20
ns
RD
  Valid data input
tRLDV
RD, AD00 to
AD15
3 tCP/2
60 ns
RD
  Data hold time
tRHDX
RD, AD00 to
AD15
0
ns
RD
  ALE time
tRHLH
RD, ALE
tCP/2
15
ns
RD
  Address valid time
tRHAX
RD, A16 to A23
tCP/2
10
ns
Valid address
 CLK time
tAVCH
A16 to A23,
AD00 to AD15,
CLK
tCP/2
20
ns
RD
  CLK time
tRLCH
RD, CLK
tCP/2
20
ns
ALE
  RD time
tLLRL
ALE, RD
tCP/2
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com