Electronic Components Datasheet Search
  English  ▼

X  

STP601D Datasheet(PDF) 1 Page - Stanson Technology

Part # STP601D
Description  P Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP601D Datasheet(HTML) 1 Page - Stanson Technology

  STP601D Datasheet HTML 1Page - Stanson Technology STP601D Datasheet HTML 2Page - Stanson Technology STP601D Datasheet HTML 3Page - Stanson Technology STP601D Datasheet HTML 4Page - Stanson Technology STP601D Datasheet HTML 5Page - Stanson Technology STP601D Datasheet HTML 6Page - Stanson Technology STP601D Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STP601D
P Channel Enhancement Mode MOSFET
-
30A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STP601D 2009. V1
DESCRIPTION
STP601D is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. The STP601D has been
designed specially to improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers. It has been optimized for low
gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION
PART MARKING
Y: Year Code
A: Date Code
B: Package Code
C: Process Code


Similar Part No. - STP601D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP601D VBSEMI-STP601D Datasheet
971Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - STP601D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com