Electronic Components Datasheet Search
  English  ▼

X  

M54677FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54677FP
Description  2-PHASE STEPPER MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54677FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54677FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54677FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54677FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54677FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54677FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54677FP
MITSUBISHI <CONTROL / DRIVER IC>
Supply voltage
VL
Vref
Pd
-0.3 – 28
Vc
-0.3 – Vcc
150
-20 – 75
-40 – 125
Vcc
-0.3 – 7
VM
IO
Topr
Tstg
-0.3 – 6
-0.3 – Vcc
2.0
1500
K
θ
62.5
Tj
Mounted on a glass epoxy board (100mm x 100mm, t=1.6mm)
Mounted on a glass epoxy board (100mm x 100mm, t=1.6mm)
Symbol
Ratings
Unit
Parameter
Conditions
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C, unless otherwise noted)
V
V
˚C
˚C
˚C
V
V
V
W
mA
˚C/W
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
RECOMMENDED OPERATING CONDITIONS
Vcc
Small-signal supply voltage
V
5.0
4.5
5.5
VM
V
Io
tPLH
tPHL
Ton
10
26.5
500
1000
2
2
160
mA
µS
µS
˚C
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ELECTRICAL CHARACTERISTICS (Ta=25˚C, Vcc=5V, VM=24V, unless otherwise noted)
VIH
VIL
VCH
IC
IOFF
Vsat
tOFF
td
Icc1
IIH
IIL
Icc2
Iref
VC
Vref
“H”
“L”
“H”
“L”
Logic input voltage (Ph pin)
2.0
0
5
-200
Vcc=5V
Vref = 500mV
-20
Voltage at sensing resistor is not included. Io=0.5A
Pin
current (16Pin=5V)
Pin
current (21Pin=5V)
Vin = 5V
Vin = 0V
-4
-20
C pin input current (C=0V, Vref=500mV)
Vref pin input current (Vref=0V, C=500mV)
0
0
1.3
27
-5
1.6
-5
26
27
Vcc
0.8
8
1.5
1.5
100
1.8
50
2.0
39
40
10
V
V
µS
V
mV
V
V
mA
µA
µA
mA
Output supply voltage
Logic input voltage
Analog input voltage
Comparative input voltage
Output current
Allowable loss
Thermal derating
Junction temperature
Operating temperature
Storage temperature
Pins
and
Pins
Pins
Pins
and
Pins
and
16
21
4 15 33
32
36 18
19
1
2
35
34
3
Output supply voltage
Output current
Logic input rise time
Logic input fall time
Thermal shutdown temperature
VIH
VIL
Logic input voltage (St pin)
“H”
“L”
Vcc=5V
2.0
0
Vcc
0.6
V
V
IIH
IIL
“H”
“L”
Vin = 5V
Vin = 0V
-200
10
µA
µA
µS
µA
µA
µA
Logic input current (Ph pin)
Logic input current (St pin)
Comparator input offset voltage
Comparator input current
Comparator input voltage range
Vref input current
Vref input voltage range
Output cutoff current
Saturation voltage
Cutoff time
Output turnoff delay
Supply current
16
21
2
and
and



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com