Electronic Components Datasheet Search
  English  ▼

X  

MBSP Datasheet(PDF) 1 Page - Lumberg

Part # MBSP
Description  Minimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MBSP Datasheet(HTML) 1 Page - Lumberg

  MBSP_18 Datasheet HTML 1Page - Lumberg MBSP_18 Datasheet HTML 2Page - Lumberg MBSP_18 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
31 MBSP
01/2018
1
Minimodul™ connectors, pitch 2.5 mm
Keying insert for Minimodul™ socket boards 2,5 MB...,
insertable instead of a contact spring
State: Phasing out
of 3


Similar Part No. - MBSP_18

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
Battery Backup System
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
BATTERY BACKUP SYSTEM
More results

Similar Description - MBSP_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MB LUMBERG-2.5MB_18 Datasheet
353Kb / 3P
Minimodul connectors, pitch 2.5 mm
2.5MSF LUMBERG-2.5MSF_18 Datasheet
441Kb / 3P
Minimodul connectors, pitch 2.5 mm
2.5MSFO LUMBERG-2.5MSFO Datasheet
412Kb / 3P
Minimodul connectors, pitch 2.5 mm
2.5MSFQ LUMBERG-2.5MSFQ Datasheet
437Kb / 3P
Minimodul connectors, pitch 2.5 mm
2.5MSFWO LUMBERG-2.5MSFWO Datasheet
412Kb / 3P
Minimodul connectors, pitch 2.5 mm
3114 LUMBERG-3114_18 Datasheet
437Kb / 3P
Minimodul connectors, pitch 2.5 mm
311101G LUMBERG-311101G Datasheet
660Kb / 4P
Minimodul connectors, pitch 2.5 mm
311101L LUMBERG-311101L Datasheet
215Kb / 3P
Minimodul connectors, pitch 2.5 mm
311103G LUMBERG-311103G Datasheet
660Kb / 4P
Minimodul connectors, pitch 2.5 mm
311103L LUMBERG-311103L Datasheet
215Kb / 3P
Minimodul connectors, pitch 2.5 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com