Electronic Components Datasheet Search
  English  ▼

X  

MICA Datasheet(PDF) 2 Page - Lumberg

Part # MICA
Description  Micromodul connectors, pitch 1.27 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICA Datasheet(HTML) 2 Page - Lumberg

  MICA Datasheet HTML 1Page - Lumberg MICA Datasheet HTML 2Page - Lumberg MICA Datasheet HTML 3Page - Lumberg MICA Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30 MICA
02/2018
2
*a
marking: number of poles
*b
connector mated with tab header
*c
flat cable
*d
locking
*e
tab header MICS…
*f
printed circuit board
Environmental conditions
Temperature range
-40 °C/+120 °C 1
1
upper limit temperature (insulating body) RTI (electrical) of the UL Yellow Card
Materials
Insulating body
PBT, V-0 according to UL94
Contact spring
CuSn, tin-plated – MICA
CuSn, gold-plated in contact area,
tin-plated in insulation
displacement area – MICA SEL 0,8
AU
Mechanical data
Insertion force/contact
< 0,8 N
Withdrawal force/contact
> 0,4 N
Connectable conductors for IDT area
Construction
flat cable 1.27 mm
Section min.
AWG 28 (0,080 mm²)
Section max.
AWG 26 (0,140 mm²)
Insulation diameter
1,0 mm
Approved cables
at www.lumberg.com �
at www.lumberg.com �
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 10 mΩ
Rated current
1,2 A
Rated voltage
32 V AC
(250 V AC ohne Berücksichtigung
der Kriech- und Luftstrecken nach
IEC 60664/DIN EN 60664) 1
Material group
IIIa (IEC)/3 (UL) (CTI ≥ 175)
Creepage distance
0,54 mm
Clearance
0,54 mm
Insulation resistance
> 1 GΩ
1
32 V AC
(250 V AC without considering creepage distance and clearance of IEC 60664/DIN EN 60664)
Associated products
Accessories
�
AZ30
Harnessing equipment
�
HZ-M30
�
HZ30
�
KHP30
�
PP30
�
VARICON 1000
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com