Electronic Components Datasheet Search
  English  ▼

X  

JFX Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFX
Description  Premium Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFX Datasheet(HTML) 2 Page - jb Capacitors Company

  JFX Datasheet HTML 1Page - jb Capacitors Company JFX Datasheet HTML 2Page - jb Capacitors Company JFX Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
µF
250V
µF
250V
Dissipation
ΦD
L
d
LL
Dissipation
ΦD
L
d
LL
28uF
≤
0.0009
30
46
1.0
45
51uF
≤
0.0013
40.5
49
1.0
45
30uF
≤
0.001
30.5
46
1.0
45
55uF
≤
0.0013
42
49
1.0
45
33uF
≤
0.001
32
46
1.0
45
56uF
≤
0.0013
42.5
49
1.0
45
36uF
≤
0.0011
33
46
1.0
45
62uF
≤
0.0014
39.5
59
1.0
45
39uF
≤
0.0011
34.5
46
1.0
45
68uF
≤
0.0014
41.5
59
1.0
45
41uF
≤
0.0012
35.5
46
1.0
45
75uF
≤
0.0014
43.5
59
1.0
45
43uF
≤
0.0012
36
46
1.0
45
82uF
≤
0.0014
45
59
1.0
45
45uF
≤
0.0012
37
46
1.0
45
91uF
≤
0.0014
47.5
59
1.2
45
47uF
≤
0.0012
39
48
1.0
45
100uF
≤
0.0014
49.5
59
1.2
45
50uF
≤
0.0013
40
49
1.0
45
--
--
--
--
--
--
µF
400V
µF
400V
Dissipation
ΦD
L
d
LL
Dissipation
ΦD
L
d
LL
1.0uF
≤
0.0005
13
21
0.8
25
7.0uF
≤
0.0007
24
31
1.0
35
1.1uF
≤
0.0005
13.5
21
0.8
25
7.5uF
≤
0.0007
25.5
31
1.0
35
1.2uF
≤
0.0005
14.5
21
0.8
25
8.0uF
≤
0.0007
22.5
36
1.0
35
1.3uF
≤
0.0005
12.5
26
0.8
25
8.2uF
≤
0.0007
23
36
1.0
35
1.5uF
≤
0.0005
13.5
26
0.8
25
9.1uF
≤
0.0007
24.5
36
1.0
35
1.6uF
≤
0.0005
14
26
0.8
25
10uF
≤
0.0007
25.5
36
1.0
35
1.8uF
≤
0.0005
14.5
26
0.8
25
11uF
≤
0.0007
27
36
1.0
35
2.0uF
≤
0.0005
15
26
0.8
30
12uF
≤
0.0008
27.5
36
1.0
35
2.2uF
≤
0.0005
16
26
0.8
30
13uF
≤
0.0008
25
46
1.0
40
2.4uF
≤
0.0005
16.5
26
0.8
30
14uF
≤
0.0008
26
46
1.0
40
2.5uF
≤
0.0005
17
26
0.8
30
15uF
≤
0.0008
26
46
1.0
40
2.7uF
≤
0.0005
17.5
26
0.8
30
16uF
≤
0.0008
28.5
46
1.0
40
3.0uF
≤
0.0005
18.5
26
0.8
30
18uF
≤
0.0008
30
46
1.0
45
3.3uF
≤
0.0006
19
26
0.8
35
20uF
≤
0.0008
31.5
46
1.0
45
3.5uF
≤
0.0006
17.5
31
0.8
35
22uF
≤
0.0009
32
46
1.0
45
3.6uF
≤
0.0006
17.5
31
0.8
35
24uF
≤
0.0009
33.5
46
1.0
45
3.9uF
≤
0.0006
18
31
0.8
35
27uF
≤
0.0009
35.5
46
1.0
45
4.0uF
≤
0.0006
18.5
31
0.8
35
28uF
≤
0.0009
36
46
1.0
45
4.3uF
≤
0.0006
19
31
0.8
35
30uF
≤
0.001
37
46
1.0
45
4.5uF
≤
0.0006
19.5
31
0.8
35
33uF
≤
0.001
40
49
1.0
45
4.7uF
≤
0.0006
19.5
31
0.8
35
36uF
≤
0.0011
41.5
49
1.0
45
5.0uF
≤
0.0006
20.5
31
1.0
35
39uF
≤
0.0011
38.5
59
1.0
45
5.1uF
≤
0.0006
20.5
31
1.0
35
41uF
≤
0.0012
39.5
59
1.0
45
5.6uF
≤
0.0006
22.5
31
1.0
35
43uF
≤
0.0012
40
59
1.0
45
6.0uF
≤
0.0006
22
31
1.0
35
45uF
≤
0.0012
41
59
1.0
45
6.2uF
≤
0.0006
22.5
31
1.0
35
47uF
≤
0.0012
42
59
1.0
45
6.8uF
≤
0.0007
24
31
1.0
35
--
--
--
--
--
--
Premium Metallized Polypropylene Film Capacitors – Axial – JFX
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com