Electronic Components Datasheet Search
  English  ▼

X  

JRC Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JRC
Description  Radial Aluminum Electrolytic Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JRC Datasheet(HTML) 2 Page - jb Capacitors Company

  JRC Datasheet HTML 1Page - jb Capacitors Company JRC Datasheet HTML 2Page - jb Capacitors Company JRC Datasheet HTML 3Page - jb Capacitors Company JRC Datasheet HTML 4Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD RATINGS
V
μF
6.3V
10V
16V
DxL
Impedance
(Ωmax) 20℃
100KHz
Rated Ripple
Current
(mA.m.s./
105℃
100KHZ)
DxL
Impedance
(Ωmax) 20℃
100KHz
Rated Ripple
Current
(mA.m.s./
105℃
100KHZ)
DxL
Impedance
(Ωmax) 20℃
100KHz
Rated Ripple
Current
(mA.m.s./
105℃
100KHZ)
1
--
--
--
--
--
--
--
--
--
2.2
--
--
--
--
--
--
--
--
--
3.3
--
--
--
--
--
--
--
--
--
4.7
--
--
--
--
--
--
--
--
--
6.8
--
--
--
--
--
--
--
--
--
10
--
--
--
--
--
--
--
--
--
15
--
--
--
--
--
--
--
--
--
18
--
--
--
--
--
--
--
--
--
22
--
--
--
--
--
--
--
--
--
27
--
--
--
--
--
--
--
--
--
33
--
--
--
--
--
--
--
--
--
39
--
--
--
--
--
--
--
--
--
47
--
--
--
--
--
--
5x11
1.4
194
56
--
--
--
--
--
--
5x11
1.4
194
68
--
--
--
--
--
--
5x12
0.93
201
82
--
--
--
--
--
--
--
--
--
100
--
--
--
5x11
1.3
221
6x11
0.85
300
120
--
--
--
5x11
1.3
221
6x11
0.5
300
150
5x11
0.25
340
5x11
0.8
340
6x11
0.41
300
180
5x11
0.25
340
6.3x11
0.8
340
6x11
0.38
300
220
6x11
0.25
340
6x11
0.5
340
6x11
0.33
300
270
6x11
0.25
340
6.3x11
0.5
300
8x12
0.33
580
330
6x11
0.2
500
8x12
0.33
300
8x12
0.3
580
390
6x12
0.2
500
8x12
0.33
300
--
--
--
470
6x12
0.2
650
8x12
0.29
580
8x12
0.28
870
560
8x12
0.2
650
8x12
0.25
580
8x16
0.28
870
680
8x12
0.22
650
8x12
0.13
580
8x16
0.26
850
820
8x14
0.15
870
8x16
0.1
870
8x19
0.18
1210
1000
8x16
0.15
870
8x16
0.1
850
10x17
0.12
1210
1200
8x16
0.15
870
10x17
0.095
1400
10x21
0.15
1400
1500
8x16
0.1
1150
10x21
0.092
1400
13x20
0.096
1400
1800
10x17
0.1
1300
10x25
0.08
1400
13x20
0.096
1900
2200
10x17
0.1
1300
13x20
0.065
1400
13x20
0.063
1900
2700
10x21
0.1
1550
13x21
0.065
1900
16x26
0.063
2130
3300
13x20
0.087
1900
13x20
0.065
1900
13x30
0.056
2550
3900
13x25
0.068
2060
--
--
--
16x26
0.04
2850
4700
13x25
0.068
2130
13x26
0.06
2262
16x26
0.035
3200
5600
16x26
0.065
2350
16x30
0.06
2543
16x35
0.03
3300
6800
16x26
0.06
2560
16x30
0.048
2650
18x25
0.04
2820
8200
16x32
0.05
2950
16x35
0.048
2850
--
--
--
10000
16x35
0.05
3050
16x40
0.035
3105
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Radial Aluminum Electrolytic Capacitor – JRC
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com