Electronic Components Datasheet Search
  English  ▼

X  

DMTH4007SPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH4007SPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH4007SPS Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 7Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMTH4007SPS
Document number: DS37358 Rev. 5 - 2
1 of 8
www.diodes.com
September 2017
© Diodes Incorporated
DMTH4007SPS
S
D
D
G
D
D
S
S
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI5060-8
Product Summary
BVDSS
RDS(ON) Max
ID Max
TC = +25°C
(Note 9)
40V
7.6
mΩ @ VGS = 10V
100A
Description
This new generation N-Channel Enhancement Mode MOSFET is
designed to minimize RDS(ON), yet maintain superior switching
performance. This device is ideal for use in notebook battery power
management and loadswitch.
Applications
Power Management
DC-DC Converters
Motor Control
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
Thermally Efficient Package-Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
<1.1mm Package Profile
– Ideal for Thin Applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH4007SPSQ)
Mechanical Data
Case: PowerDI
®
5060-8
Case Material:
Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH4007SPS-13
PowerDI5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Green
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8
Pin1
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - DMTH4007SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4007SPS-13 DIODES-DMTH4007SPS-13 Datasheet
396Kb / 8P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4007SPSQ DIODES-DMTH4007SPSQ Datasheet
395Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4007SPSQ-13 DIODES-DMTH4007SPSQ-13 Datasheet
395Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMTH4007SPS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com