Electronic Components Datasheet Search
  English  ▼

X  

ZFL-2000 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZFL-2000
Description  Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFL-2000 Datasheet(HTML) 2 Page - Mini-Circuits

  ZFL-2000 Datasheet HTML 1Page - Mini-Circuits ZFL-2000 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
FREQUENCY
(MHz)
GAIN
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
NOISE
FIGURE
(dB)
POUT
at 1 dB
COMPR.
(dBm)
12V
15V
16V
12V
15V
16V
IN
OUT
15V
15V
ZFL-2000+
Typical Performance Data/Curves
ZFL-2000+
VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
400
800
1200
1600
2000
FREQUENCY (MHz)
IN
OUT
ZFL-2000+
DIRECTIVITY
5.0
9.0
13.0
17.0
21.0
25.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
12V
15V
16V
ZFL-2000+
GAIN
20.0
20.6
21.2
21.8
22.4
23.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
12V
15V
16V
ZFL-2000+
OUTPUT POWER AT 1-dB COMPRESSION
15
16
17
18
19
20
0
400
800
1200
1600
2000
FREQUENCY (MHz)
ZFL-2000+
NOISE FIGURE
3.0
3.6
4.2
4.8
5.4
6.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
at 15V
10.00
20.67
21.23
21.35
17.50
16.70
16.80
1.65
1.78
5.52
15.80
19.10
20.87
21.42
21.53
16.80
16.40
16.60
1.62
1.44
5.24
16.11
50.50
20.82
21.38
21.49
17.10
16.80
16.60
1.62
1.30
4.28
15.83
133.40
20.79
21.34
21.45
17.00
16.50
16.20
1.60
1.30
3.96
15.95
352.30
20.77
21.30
21.41
16.10
15.80
15.80
1.56
1.33
4.14
16.30
724.40
21.03
21.53
21.64
14.50
13.90
13.90
1.43
1.35
4.23
16.76
877.40
21.07
21.56
21.65
13.80
13.30
13.00
1.37
1.27
4.28
16.72
1030.50
20.97
21.46
21.55
13.00
12.60
12.60
1.31
1.19
4.39
16.69
1132.60
20.85
21.37
21.47
12.90
12.30
12.30
1.29
1.16
4.44
16.60
1234.60
20.76
21.27
21.37
12.50
12.40
12.40
1.30
1.21
4.49
16.73
1387.70
20.56
21.06
21.14
12.20
11.90
12.10
1.43
1.36
4.59
16.74
1540.80
20.50
20.96
21.02
11.60
11.60
11.50
1.63
1.54
4.78
16.74
1693.80
20.68
21.11
21.17
10.20
10.50
10.50
1.79
1.61
4.90
16.99
1846.90
20.87
21.32
21.40
8.60
9.10
9.10
1.77
1.43
4.99
16.99
2000.00
20.86
21.38
21.47
7.50
7.80
8.10
1.47
1.07
5.30
16.80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com