Electronic Components Datasheet Search
  English  ▼

X  

PE3C3350 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3350
Description  SMA Male Right Angle to BNC Male Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3350 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3350 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3350 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3350 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3350 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: BNC Male
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Operating Voltage (AC)
335
Vrms
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
1.11
1.15
1.2
1.3
1.55
dB/ft
3.64
3.77
3.94
4.27
5.09
dB/m
Insertion Loss (Typ.)
0.31
0.36
0.438
0.58
0.78
dB/ft
1.02
1.18
1.44
1.9
2.56
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to BNC Male Cable Using RG316 Coax PE3C3350
PE3C3350 REV 1.0
SMA Male Right Angle to BNC Male Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3350


Similar Part No. - PE3C3350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3350-12 PASTERNACK-PE3C3350-12 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C3350-18 PASTERNACK-PE3C3350-18 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable18 Inch Length Using RG316 Coax
PE3C3350-24 PASTERNACK-PE3C3350-24 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C3350-36 PASTERNACK-PE3C3350-36 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C3350-48 PASTERNACK-PE3C3350-48 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 48 Inch Length Using RG316 Coax
More results

Similar Description - PE3C3350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2360 PASTERNACK-PE3C2360 Datasheet
369Kb / 4P
SMA Male to BNC Male Cable Using RG316 Coax
PE3C3350-6 PASTERNACK-PE3C3350-6 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 6 Inch Length Using RG316 Coax
PE3C3350-12 PASTERNACK-PE3C3350-12 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C3350-24 PASTERNACK-PE3C3350-24 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C3350-36 PASTERNACK-PE3C3350-36 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C3350-48 PASTERNACK-PE3C3350-48 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C3350-60 PASTERNACK-PE3C3350-60 Datasheet
371Kb / 4P
SMA Male Right Angle to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C3350-HS PASTERNACK-PE3C3350-HS Datasheet
371Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG316 Coax with HeatShrink
PE3C3350LF PASTERNACK-PE3C3350LF Datasheet
366Kb / 4P
BNC Male to SMA Male Right Angle Cable Using RG316 Coax
PE3C3391 PASTERNACK-PE3C3391 Datasheet
365Kb / 4P
BNC Male to BNC Male Right Angle Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com