Electronic Components Datasheet Search
  English  ▼

X  

CLD20B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # CLD20B
Description  20mA Current Limiting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

CLD20B Datasheet(HTML) 2 Page - Micro Commercial Components

  CLD20B Datasheet HTML 1Page - Micro Commercial Components CLD20B Datasheet HTML 2Page - Micro Commercial Components CLD20B Datasheet HTML 3Page - Micro Commercial Components CLD20B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
Revision: C
2016/02/16
Limiting Voltage
@ 80% Ireg
Test Voltage
Peak
Operating
Voltage
Rating Voltage
Min
(mA)
Typ.
(mA)
Max
(mA)
Max
(V)
(V)
(V)
Max
(V)
CLD2
0B
17
20
23
4.5
10
45
25
Performance curve for Current Limiting Diode
Steady Current Ireg(SS)
Part number
Operation voltage (V)
Operation voltage (V)
ELECTRICAL CHARACTERISTICS @25 C
CLD20B
2 of 4
Micro Commercial Components
M C C
TM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com