Electronic Components Datasheet Search
  English  ▼

X  

CLD20 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # CLD20
Description  20mA Current Limiting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

CLD20 Datasheet(HTML) 3 Page - Micro Commercial Components

  CLD20 Datasheet HTML 1Page - Micro Commercial Components CLD20 Datasheet HTML 2Page - Micro Commercial Components CLD20 Datasheet HTML 3Page - Micro Commercial Components CLD20 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TM
Micro Commercial Components
www.mccsemi.com
Revision: A
2011/01/20
Number of LED's that can be connected is determined by:
Example:
Vac=110V,CLD Vak=45V,LED VF=3.5V@20mA
Using our P/N:MB6S bridge for whole wave rectifier
After rectifier, Output Vdc=150V
(150Vdc-45Vdc)/3.5Vdc=30 LEDs in series.
Type Application Circuit
( 20mA each LED String)
LEDs=(Vdc-Vak)/LED VF
Bridge
~
AC
DC
LED
~
CLD20
CLD
CLD
CLD
MB6S
String
CLD20
Application
MCC
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com