Electronic Components Datasheet Search
  English  ▼

X  

EL2244CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2244CS
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2244CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2244CS Datasheet HTML 1Page - Intersil Corporation EL2244CS Datasheet HTML 2Page - Intersil Corporation EL2244CS Datasheet HTML 3Page - Intersil Corporation EL2244CS Datasheet HTML 4Page - Intersil Corporation EL2244CS Datasheet HTML 5Page - Intersil Corporation EL2244CS Datasheet HTML 6Page - Intersil Corporation EL2244CS Datasheet HTML 7Page - Intersil Corporation EL2244CS Datasheet HTML 8Page - Intersil Corporation EL2244CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7059.2
EL2244, EL2444
Dual/Quad Low-Power 120MHz Unity-Gain
Stable Op Amp
The EL2244 and EL2444 are dual and quad versions of the
popular EL2044. They are high speed, low power, low cost
monolithic operational amplifiers built on Elantec's
proprietary complementary bipolar process. The EL2244
and EL2444 are unity-gain stable and feature a 325V/µs
slew rate and 120MHz gain-bandwidth product while
requiring only 5.2mA of supply current per amplifier.
The power supply operating range of the EL2244 and
EL2444 is from ±18V down to as little as ±2V. For single-
supply operation, the EL2244 and EL2444 operate from 36V
down to as little as 2.5V. The excellent power supply
operating range of the EL2244 and EL2444 makes them an
obvious choice for applications on a single +5V or +3V
supply.
The EL2244 and EL2444 also feature an extremely wide
output voltage swing of ±13.6V with VS = ±15V and RL=1kΩ.
At ±5V, output voltage swing is a wide ±3.8V with RL = 500Ω
and ±3.2V with RL = 150Ω. Furthermore, for single-supply
operation at +5V, output voltage swing is an excellent 0.3V
to 3.8V with RL = 500Ω.
At a gain of +1, the EL2244 and EL2444 have a -3dB
bandwidth of 120MHz with a phase margin of 50°. Because
of their conventional voltage-feedback topology, the EL2244
and EL2444 allow the use of reactive or non-linear elements
in their feedback network. This versatility combined with low
cost and 75mA of output-current drive make the EL2244 and
EL2444 an ideal choice for price-sensitive applications
requiring low power and high speed.
Features
• 120MHz gain-bandwidth product
• Unity-gain stable
• Low supply current (per amplifier)
- 5.2mA at VS = ±15V
• Wide supply range - 2.5V to 36V
• High slew rate - 325V/µs
• Fast settling - 80ns to 0.1% for a 10V step
• Low differential gain - 0.04% at AV =+2, RL = 150Ω
• Low differential phase - 0.15° at AV = +2, RL = 150Ω
• Wide output voltage swing - ±13.6V with VS = ±15V,
RL =1kΩ
• Low cost, enhanced replacement for the AD827 &
LT1229/LT1230
•
Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
Pinouts
EL2244
(8-PIN SO, PDIP)
TOP VIEW
EL2444
[14-PIN SO (0.150”), PDIP]
TOP VIEW
1
2
3
4
8
7
6
5
-
+
-
+
OUT
IN1-
IN1+
V-
V+
OUT2
I
N2-
IN2+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUT1
IN1-
IN1+
V+
OUT4
IN4-
IN4+
V-
IN2+
IN2-
OUT2
I
N3+
IN3-
OUT3
-+
-
+
-+
-
+
Data Sheet
May 16, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGN
S
POS
SIBL
E SU
BST
ITUT
E PR
ODU
CTS
(ISL
5500
2, IS
L550
04)


Similar Part No. - EL2244CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2244CS ELANTEC-EL2244CS Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244CS RENESAS-EL2244CS Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CS-T13 RENESAS-EL2244CS-T13 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CS-T7 RENESAS-EL2244CS-T7 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2244CSZ RENESAS-EL2244CSZ Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results

Similar Description - EL2244CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
August 16, 2004
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
logo
Elantec Semiconductor
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com