Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100S Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 1 Page - Cypress Semiconductor

  PSOC4100S Datasheet HTML 1Page - Cypress Semiconductor PSOC4100S Datasheet HTML 2Page - Cypress Semiconductor PSOC4100S Datasheet HTML 3Page - Cypress Semiconductor PSOC4100S Datasheet HTML 4Page - Cypress Semiconductor PSOC4100S Datasheet HTML 5Page - Cypress Semiconductor PSOC4100S Datasheet HTML 6Page - Cypress Semiconductor PSOC4100S Datasheet HTML 7Page - Cypress Semiconductor PSOC4100S Datasheet HTML 8Page - Cypress Semiconductor PSOC4100S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Programmable System-on-Chip (PSoC)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-19966 Rev. *F
Revised February 14, 2018
General Description
PSoC® 4 is a scalable and reconfigurable platform architecture for a family of programmable embedded system controllers with an
ARM® Cortex™-M0+ CPU. It combines programmable and reconfigurable analog and digital blocks with flexible automatic routing.
PSoC 4100S Plus is a member of the PSoC 4 platform architecture. It is a combination of a microcontroller with standard communi-
cation and timing peripherals, a capacitive touch-sensing system (CapSense) with best-in-class performance, programmable
general-purpose continuous-time and switched-capacitor analog blocks, and programmable connectivity. PSoC 4100S Plus products
will be upward compatible with members of the PSoC 4 platform for new applications and design needs.
Features
32-bit MCU Subsystem
■ 48-MHz ARM Cortex-M0+ CPU
■ Up to 128 KB of flash with Read Accelerator
■ Up to 16 KB of SRAM
■ 8-channel DMA engine
Programmable Analog
■ Two opamps with reconfigurable high-drive external and
high-bandwidth internal drive and Comparator modes and ADC
input buffering capability. Opamps can operate in Deep Sleep
low-power mode.
■ 12-bit 1-Msps SAR ADC with differential and single-ended
modes, and Channel Sequencer with signal averaging
■ Single-slope 10-bit ADC function provided by a capacitance
sensing block
■ Two current DACs (IDACs) for general-purpose or capacitive
sensing applications on any pin
■ Two low-power comparators that operate in Deep Sleep
low-power mode
Programmable Digital
■ Programmable logic blocks allowing Boolean operations to be
performed on port inputs and outputs
Low-Power 1.71-V to 5.5-V Operation
■ Deep Sleep mode with operational analog and 2.5-
A digital
system current
Capacitive Sensing
■ Cypress CapSense Sigma-Delta (CSD) provides best-in-class
signal-to-noise ratio (SNR) (>5:1) and water tolerance
■ Cypress-supplied software component makes capacitive
sensing design easy
■ Automatic hardware tuning (SmartSense™)
LCD Drive Capability
■ LCD segment drive capability on GPIOs
Serial Communication
■ Five independent run-time reconfigurable Serial
Communication Blocks (SCBs) with re-configurable I2C, SPI,
or UART functionality
Timing and Pulse-Width Modulation
■ Eight 16-bit timer/counter/pulse-width modulator (TCPWM)
blocks
■ Center-aligned, Edge, and Pseudo-random modes
■ Comparator-based triggering of Kill signals for motor drive and
other high-reliability digital logic applications
■ Quadrature decoder
Clock Sources
■ 4 to 33 MHz external crystal oscillator (ECO)
■ PLL to generate 48-MHz frequency
■ 32-kHz Watch Crystal Oscillator (WCO)
■ ±2% Internal Main Oscillator (IMO)
■ 32-kHz Internal Low-power Oscillator (ILO)
True Random Number Generator (TRNG)
■ TRNG generates truly random number for secure key gener-
ation for Cryptography applications
CAN Block
■ CAN 2.0B block with support for Time-Triggered CAN (TTCAN)
Up to 54 Programmable GPIO Pins
■ 44-pin TQFP (0.8-mm pitch) and 64-pin TQFP normal (0.8 mm)
and Fine Pitch (0.5 mm) packages
■ Any GPIO pin can be CapSense, analog, or digital
■ Drive modes, strengths, and slew rates are programmable
PSoC Creator Design Environment
■ Integrated Development Environment (IDE) provides
schematic design entry and build (with analog and digital
automatic routing)
■ Applications Programming Interface (API) component for all
fixed-function and programmable peripherals
Industry-Standard Tool Compatibility
■ After schematic entry, development can be done with
ARM-based industry-standard development tools


Similar Part No. - PSOC4100S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PSOC4100 CYPRESS-PSOC4100 Datasheet
434Kb / 37P
Programmable System-on-Chip (PSoC짰)
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
More results

Similar Description - PSOC4100S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
Programmable System-on-Chip (PSoC)
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
PSoC Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com