Electronic Components Datasheet Search
  English  ▼

X  

PSOC4200 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # PSOC4200
Description  Programmable System-on-Chip (PSoC짰)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4200 Datasheet(HTML) 4 Page - Cypress Semiconductor

  PSOC4200 Datasheet HTML 1Page - Cypress Semiconductor PSOC4200 Datasheet HTML 2Page - Cypress Semiconductor PSOC4200 Datasheet HTML 3Page - Cypress Semiconductor PSOC4200 Datasheet HTML 4Page - Cypress Semiconductor PSOC4200 Datasheet HTML 5Page - Cypress Semiconductor PSOC4200 Datasheet HTML 6Page - Cypress Semiconductor PSOC4200 Datasheet HTML 7Page - Cypress Semiconductor PSOC4200 Datasheet HTML 8Page - Cypress Semiconductor PSOC4200 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
PSoC® 4: PSoC 4200
Family Datasheet
Document Number: 001-87197 Rev. *J
Page 4 of 45
Figure 2. Block Diagram
The PSoC 4200 devices include extensive support for
programming, testing, debugging, and tracing both hardware
and firmware.
The ARM Serial_Wire Debug (SWD) interface supports all
programming and debug features of the device.
Complete debug-on-chip functionality enables full-device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debug.
The PSoC Creator IDE provides fully integrated programming
and debug support for the PSoC 4200 devices. The SWD
interface is fully compatible with industry-standard third-party
tools. With the ability to disable debug features, with very robust
flash protection, and allowing customer-proprietary functionality
to be implemented in on-chip programmable blocks, the
PSoC 4200 family provides a level of security not possible with
multi-chip application solutions or with microcontrollers.
The debug circuits are enabled by default and can only be
disabled in firmware. If not enabled, the only way to re-enable
them is to erase the entire device, clear flash protection, and
reprogram the device with new firmware that enables debugging.
Additionally, all device interfaces can be permanently disabled
(device security) for applications concerned about phishing
attacks due to a maliciously reprogrammed device or attempts to
defeat security by starting and interrupting flash programming
sequences. Because all programming, debug, and test inter-
faces are disabled when maximum device security is enabled,
PSoC 4200 with device security enabled may not be returned for
failure analysis. This is a trade-off the PSoC 4200 allows the
customer to make.
PSoC 4200
32-bit
AH B-Lite
CP U S ubs ys tem
SR AM
Up to 4 kB
SR AM C ontroller
ROM
4 kB
ROM C ontroller
FLASH
Up to 32 kB
R ead Accelerator
D eep Sleep
H ibernate
Active /Sleep
SWD
N VIC, IR QM X
Cortex
M0
48 MH z
FAST MU L
System Interconnect (Single Layer AH B )
IO S ubs y stem
36x GPIOs
Peripherals
System R eso urces
Pow er
Clock
WD T
ILO
Reset
Clock Control
D F T Logic
Test
IM O
DF T Analog
Sleep C ontrol
PWR SYS
REF
POR
LVD
N VLatches
BOD
WIC
Reset Control
XRES
Peripheral Interconnect (MMIO )
PC LK
Port Interfa ce & D igita l System Intercon nect(D SI)
Programmable
Digital
x4
UD B
...
UDB
Pow er Modes
CTBm
SM X
SAR AD C
(12-bit)
x1
Programmable
Analog
x1
2x OpAm p
High Spe ed I/O Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com