Electronic Components Datasheet Search
  English  ▼

X  

HT48C05 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT48C05
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C05 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT48C05 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
HT48R05A-1/HT48C05/HT48R06A-1/HT48C06
Rev. 1.10
16
June 9, 2004
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure proper
system functioning.
Items
Options
1
WDT clock source: WDTOSC or fSYS/4
2
WDT function: enable or disable
3
LVR function: enable or disable
4
CLRWDT instruction(s): one or two clear WDT instruction(s)
5
System oscillator: RC or crystal
6
Pull-high resistors (PA~PC): none or pull-high
7
BZ function: enable or disable
8
PA0~PA7 wake-up: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com