Electronic Components Datasheet Search
  English  ▼

X  

EL2244CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2244CSZ
Description  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2244CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2244CSZ Datasheet HTML 3Page - Intersil Corporation EL2244CSZ Datasheet HTML 4Page - Intersil Corporation EL2244CSZ Datasheet HTML 5Page - Intersil Corporation EL2244CSZ Datasheet HTML 6Page - Intersil Corporation EL2244CSZ Datasheet HTML 7Page - Intersil Corporation EL2244CSZ Datasheet HTML 8Page - Intersil Corporation EL2244CSZ Datasheet HTML 9Page - Intersil Corporation EL2244CSZ Datasheet HTML 10Page - Intersil Corporation EL2244CSZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Simplified Schematic (Per Amplifier)
Burn-In Circuit (Per Amplifier)
Applications Information
Product Description
The EL2244 and EL2444 are low-power wideband
monolithic operational amplifiers built on Elantec's
proprietary high-speed complementary bipolar process. The
EL2244 and EL2444 use a classical voltage-feedback
topology which allows them to be used in a variety of
applications where current-feedback amplifiers are not
appropriate because of restrictions placed upon the
feedback element used with the amplifier. The conventional
topology of the EL2244 and EL2444 allows, for example, a
capacitor to be placed in the feedback path, making it an
excellent choice for applications such as active filters,
sample-and-holds, or integrators. Similarly, because of the
ability to use diodes in the feedback network, the EL2244
and EL2444 are an excellent choice for applications such as
fast log amplifiers.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL2244 and EL2444, it is possible to exceed
the 150°C maximum junction temperatures under certain
load and power-supply conditions. It is therefore important to
calculate the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified for the
EL2244 and EL2444 to remain in the safe operating area.
These parameters are related as follows:
where:
PDMAXTOTAL is the sum of the maximum power dissipation
of each amplifier in the package (PDMAX). PDMAX for each
amplifier can be calculated as follows:
where:
TMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
PDMAX = Maximum power dissipation of each amplifier
VS = Supply voltage
ISMAX = Maximum supply current of each amplifier
VOUTMAX = Maximum output voltage swing of the
application
RL = Load resistance
To serve as a guide for the user, we can calculate maximum
allowable supply voltages for the example of the video
cable-driver below since we know that TJMAX = 150°C,
TMAX = 85°C, ISMAX = 7.6mA per amplifier, and the
package
θ
JAs are shown in Table 1. If we assume (for this
example) that we are driving a back-terminated video cable,
then the maximum average value (over duty-cycle) of
VOUTMAX is 1.4V, and RL = 150Ω, giving the results seen in
Table 1.
Single-Supply Operation
The EL2244 and EL2444 have been designed to have a
wide input and output voltage range. This design also makes
the EL2244 and EL2444 an excellent choice for single-
supply operation. Using a single positive supply, the lower
ALL PACKAGES USE THE SAME SCHEMATIC
TABLE 1.
PART
PACKAGE
Θ
JA
MAX PDISS
@TMAX
MAX VS
DUALS
EL2244CN
PDIP8
100°C/W
0.650W @85°C
±16.6V
EL2244CS
SO8
160°C/W
0.406W @85°C
±10.5V
QUADS
EL2444CN
PDIP14
81°C/W
0.802W @85°C
±11.5V
EL2444CS
SO14
120°C/W
0.542W @85°C
±7.5V
T
JMAX
T
MAX
Θ
JA
PD
MAXTOTAL
×
()
+
=
PD
MAX
2V
S
I
SMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
×
=
EL2244, EL2444



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com