Electronic Components Datasheet Search
  English  ▼

X  

IR3310 Datasheet(PDF) 9 Page - International Rectifier

Part # IR3310
Description  PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3310 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3310 Datasheet HTML 4Page - International Rectifier IR3310 Datasheet HTML 5Page - International Rectifier IR3310 Datasheet HTML 6Page - International Rectifier IR3310 Datasheet HTML 7Page - International Rectifier IR3310 Datasheet HTML 8Page - International Rectifier IR3310 Datasheet HTML 9Page - International Rectifier IR3310 Datasheet HTML 10Page - International Rectifier IR3310 Datasheet HTML 11Page - International Rectifier IR3310 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IR3310(S)
WWW.IRF.COM
9
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
60°C/W free air
5°C/W
Figure 16 - I out (A) vs Protection resp. Time (s)
Figure 17 - Rth (oC/W) vs Time (s)
Figure 14 - Max. DC current (A) vs Temp. (°C)
Figure 15 - Max. I (A) vs inductance (mH)
10
100
1000
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
T=25°C free air/ std. footprint
T=100°C free air/ std. footprint
Current path capability
should be above those curves
Load characteristic should be
underneath those curves
1
10
100
0.001
0.01
0.11
absolute maximal single pulse
10 Hz rth=60°C/W dT=25°C
100Hz rth=60°C/W dT=25°C
1kHz rth=60°C/W dT=25°C
0
10
20
30
40
50
60
-50
0
50
100
150
200
5°C/W
15°C/W
35°C/W 1'' foot
60°C/W std fooprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com