Electronic Components Datasheet Search
  English  ▼

X  

IRLIB4343 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLIB4343
Description  DIGITAL AUDIO MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLIB4343 Datasheet(HTML) 7 Page - International Rectifier

  IRLIB4343 Datasheet HTML 1Page - International Rectifier IRLIB4343 Datasheet HTML 2Page - International Rectifier IRLIB4343 Datasheet HTML 3Page - International Rectifier IRLIB4343 Datasheet HTML 4Page - International Rectifier IRLIB4343 Datasheet HTML 5Page - International Rectifier IRLIB4343 Datasheet HTML 6Page - International Rectifier IRLIB4343 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRLIB4343
TO-220 Full-Pak Part Marking Information
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
Notes : This part marking information applies to devices produced after 02/26/2001 in
WITH ASSEMBLY
EXAMPLE:
THIS IS AN IRFI840G
LOT CODE 3432
ASSEMBLED ON WW24 1999
IN THE ASSEMBLYLINE "K"
PART NUMBER
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER
LOGO
34
32
924K
IRFI840G
DATE CODE
YEAR 9 = 1999
WEEK24
LINE K
location other than GB.
Note: "P" in assembly line
position indicates "Lead-Free"
ASSEMBLY
(YYWW)
LOT CODE
YY= YEAR
WW= WEEK
Notes : This part marking information applies to all devices produced before 02/26/2001
EXAMPLE:
LOT CODE E401
THIS IS ANIRFI840G
WITH ASSEMBLY
E401
RECTIFIER
LOGO
INTERNATIONAL
PART NUMBER
IRFI840G
DATE CODE
9245
and currently for parts manufactured in GB.
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.03/04
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 1.5mH, RG = 25Ω, IAS = 13A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive
avalanche information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com