Electronic Components Datasheet Search
  English  ▼

X  

PE3C3397 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3397
Description  BNC Male to BNC Female Bulkhead Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3397 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3397 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3397 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3397 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3397 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: BNC Female Bulkhead
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.08
1.14
1.21
1.32
dB/ft
3.41
3.54
3.74
3.97
4.33
dB/m
Insertion Loss (Typ.)
0.242
0.284
0.337
0.412
0.52
dB/ft
0.79
0.93
1.11
1.35
1.71
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.689 in [17.5 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Female Bulkhead Cable Using RG174 Coax PE3C3397
PE3C3397 REV 1.0
BNC Male to BNC Female Bulkhead Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3397


Similar Part No. - PE3C3397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3397-12 PASTERNACK-PE3C3397-12 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 12 Inch Length Using RG174 Coax
PE3C3397-24 PASTERNACK-PE3C3397-24 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 24 Inch Length Using RG174 Coax
PE3C3397-36 PASTERNACK-PE3C3397-36 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 36 Inch Length Using RG174 Coax
PE3C3397-48 PASTERNACK-PE3C3397-48 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 48 Inch Length Using RG174 Coax
PE3C3397-60 PASTERNACK-PE3C3397-60 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 60 Inch Length Using RG174 Coax
More results

Similar Description - PE3C3397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3325 PASTERNACK-PE3C3325 Datasheet
363Kb / 4P
BNC Male to BNC Female Cable Using RG174 Coax
PE3C3396 PASTERNACK-PE3C3396 Datasheet
362Kb / 4P
TNC Female Bulkhead to BNC Male Cable Using RG174 Coax
PE3C3397-12 PASTERNACK-PE3C3397-12 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 12 Inch Length Using RG174 Coax
PE3C3397-24 PASTERNACK-PE3C3397-24 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 24 Inch Length Using RG174 Coax
PE3C3397-36 PASTERNACK-PE3C3397-36 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 36 Inch Length Using RG174 Coax
PE3C3397-48 PASTERNACK-PE3C3397-48 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 48 Inch Length Using RG174 Coax
PE3C3397-60 PASTERNACK-PE3C3397-60 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 60 Inch Length Using RG174 Coax
PE3C3397-72 PASTERNACK-PE3C3397-72 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable 72 Inch Length Using RG174 Coax
PE3C3411 PASTERNACK-PE3C3411 Datasheet
356Kb / 4P
SMA Female Bulkhead to BNC Male Cable Using RG174 Coax
PE3C3474 PASTERNACK-PE3C3474 Datasheet
361Kb / 4P
N Female Bulkhead to BNC Male Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com