Electronic Components Datasheet Search
  English  ▼

X  

SFH221 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH221
Description  Silicon Dual Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH221 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH221 Datasheet HTML 1Page - OSRAM GmbH SFH221 Datasheet HTML 2Page - OSRAM GmbH SFH221 Datasheet HTML 3Page - OSRAM GmbH SFH221 Datasheet HTML 4Page - OSRAM GmbH SFH221 Datasheet HTML 5Page - OSRAM GmbH SFH221 Datasheet HTML 6Page - OSRAM GmbH SFH221 Datasheet HTML 7Page - OSRAM GmbH SFH221 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Version 1.4
SFH 221
2016-09-16
3
Capacitance
(V
R = 0 V, f = 1 MHz, E = 0)
(typ)
C0
25
pF
Temperature coefficient of V
O
(typ)
TC
V
-2.6
mV / K
Temperature coefficient of I
SC
(Std. Light A)
(typ)
TC
I
0.18
% / K
Noise equivalent power
(VR = 10 V, λ = 850 nm)
(typ)
NEP
0.103
pW /
Hz
½
Detection limit
(VR = 10 V, λ = 850 nm)
(typ)
D
*
1.2e12
cm x
Hz½ / W
Relative Spectral Sensitivity 1) page 7
Srel = f(λ)
Photocurrent / Open-Circuit Voltage 1) page 7
IP (VR = 5 V) / VO = f(Ev)
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com