Electronic Components Datasheet Search
  English  ▼

X  

SFH205F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH205F
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH205F Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH205F_15 Datasheet HTML 1Page - OSRAM GmbH SFH205F_15 Datasheet HTML 2Page - OSRAM GmbH SFH205F_15 Datasheet HTML 3Page - OSRAM GmbH SFH205F_15 Datasheet HTML 4Page - OSRAM GmbH SFH205F_15 Datasheet HTML 5Page - OSRAM GmbH SFH205F_15 Datasheet HTML 6Page - OSRAM GmbH SFH205F_15 Datasheet HTML 7Page - OSRAM GmbH SFH205F_15 Datasheet HTML 8Page - OSRAM GmbH SFH205F_15 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2015-12-23
4
Version 1.3
SFH 205 F
Power Consumption
Ptot = f(TA)
Dark Current 1) page 8
IR = f(VR), E = 0
Capacitance 1) page 8
C = f(VR), f = 1 MHz, E = 0
Dark Current 1) page 8
IR = f(TA), VR = 10 V, E = 0
T
OHF00394
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100
T
OHF00082
A
-1
10
0
R
Ι
10
0
10
1
10
2
10
3
nA
20
40
60
80 ˚C 100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com