Electronic Components Datasheet Search
  English  ▼

X  

KTC3532T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3532T
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3532T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3532T Datasheet HTML 1Page - KEC(Korea Electronics) KTC3532T Datasheet HTML 2Page - KEC(Korea Electronics) KTC3532T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 6. 26
2/3
KTC3532T
Revision No : 0
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.2
0.4
0.6
1.0
0.8
1.2
1.4
1.8
1.6
2.0
COLLECTOR CURRENT I
(A)
C
I =0mA
2mA
4mA
6mA
8mA
10mA
40mA
30mA
20mA
B
0.01
0.03
0.1
1
3
0.3
Ta=
75
C
Ta=2
5 C
Ta=-25
C
30
1K
h
- I
FE
C
50
100
300
500
0.01
0.03
0.1
1
3
0.3
5
COLLECTOR CURRENT I
(A)
C
V
- I
CE(sat)
C
10
30
50
100
300
500
V
- I
C
COLLECTOR CURRENT I
(A)
CE(sat)
C
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.9
0.8
1.0
10
30
50
100
300
1K
500
0.01
0.03
0.1
1
3
0.3
V
- I
C
COLLECTOR CURRENT I
(A)
BE(sat)
C
0.1
0.3
0.5
1
3
10
5
0.01
0.03
0.1
1
3
0.3
I /I =50
Ta=75 C
Ta=25 C
Ta=-25 C
CB
I /I =50
CB
I /I =20
CB
Ta=75
C
Ta=25
C
Ta=-25
C
Ta=25 C
V
=2V
CE
Ta=-25 C
Ta=75 C
V
=2V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com