Electronic Components Datasheet Search
  English  ▼

X  

1659 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 1659
Description  IEC Connector C21, for very hot conditions 155, Rewireable, Angled
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1659 Datasheet(HTML) 1 Page - Schurter Inc.

  1659 Datasheet HTML 1Page - Schurter Inc. 1659 Datasheet HTML 2Page - Schurter Inc. 1659 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Cord Connectors (rewireable)
1659
https://www.schurter.com /PG07
Connectors
IEC Connector C21, for very hot conditions 155°C, Rewireable, Angled
Rewireable connector
Example with assembled cable
See below:
Approvals and Compliances
C21
155° C
Description
- Cord Connector
- Connector , Pin temperature 155 °C , Protection class I
- Cable diameter 6.5 - 16 mm
- Min. wire size 16AWG / 1.0 mm²
- Max. wire size 10AWG / 1.5 mm²
Characteristics
- Suitable for use in equipment according to IEC/UL 60950
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
16 A / 250 VAC; 50 Hz
Ratings UL/CSA
20 A / 250 VAC; 60 Hz
Dielectric Strength
> 1.5 kVAC between L-N
> 1.5 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 155 °C
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Cable
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C21 acc. to IEC 60320-1
UL 60320-1, CSA C22.2 no. 60320-1
(for very hot conditions) pin-temperature
155 °C, 16 A, Protection Class I
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: 1659
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40039959
UL Approvals
UL
UL File Number: E96454
CQC Approvals
CQC
CCC Certificate Number: 2014010204701246
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
UL 60320-1
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 60320-1
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices


Similar Part No. - 1659

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1659 ETC2-1659 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Schurter Inc.
1659 SCHURTER-1659 Datasheet
272Kb / 4P
IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
1659 SCHURTER-1659 Datasheet
287Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
288Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
logo
IET Labs Inc.
1659 IET-1659 Datasheet
93Kb / 2P
Digibridges
More results

Similar Description - 1659

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1658.0000 SCHURTER-1658.0000 Datasheet
183Kb / 2P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Straight
1659.0000 SCHURTER-1659.0000 Datasheet
183Kb / 2P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1658 SCHURTER-1658 Datasheet
250Kb / 2P
IEC Connector C21, for very hot conditions, Rewireable, Straight
4784 SCHURTER-4784 Datasheet
278Kb / 3P
IEC Connector C15 for hot conditions, Rewireable, Angled
1658 SCHURTER-1658_18 Datasheet
278Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Straight
1658 SCHURTER-1658_21 Datasheet
288Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Straight
1659 SCHURTER-1659_21 Datasheet
287Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1658 SCHURTER-1658_V01 Datasheet
289Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Straight
10.12.2021
1659 SCHURTER-1659_V01 Datasheet
288Kb / 3P
IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
4784 SCHURTER-4784_V01 Datasheet
328Kb / 4P
IEC Connector C15 for hot conditions 120째C, Rewireable, Angled
10.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com