Electronic Components Datasheet Search
  English  ▼

X  

L6227N Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6227N
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6227N Datasheet HTML 7Page - STMicroelectronics L6227N Datasheet HTML 8Page - STMicroelectronics L6227N Datasheet HTML 9Page - STMicroelectronics L6227N Datasheet HTML 10Page - STMicroelectronics L6227N Datasheet HTML 11Page - STMicroelectronics L6227N Datasheet HTML 12Page - STMicroelectronics L6227N Datasheet HTML 13Page - STMicroelectronics L6227N Datasheet HTML 14Page - STMicroelectronics L6227N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
L6227
be bigger than tRCRISE for allowing a good current regulation by the PWM stage. Furthermore, the on time tON
can not be smaller than the minimum on time tON(MIN).
tRCRISE = 600 · COFF
Figure 10 shows the lower limit for the on time tON for having a good PWM current regulation capacity. It has to
be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be smaller
than tRCRISE - tDT. In this last case the device continues to work but the off time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller on time and, therefore, higher
switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit
performance.
Figure 9. tOFF versus COFF and ROFF
t
ON
t
ON MIN
()
>2.5
µs (typ. value)
=
t
ON
t
RCRISE
t
DT
–
>
0.1
1
10
100
1
10
100
1 .10
3
1 .10
4
Coff [nF]
Roff = 100kΩ
Roff = 47kΩ
Roff = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com