Electronic Components Datasheet Search
  English  ▼

X  

L432VB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L432VB
Description  1.24V Low-Voltage Adjustable Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L432VB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L432VB Datasheet HTML 1Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 2Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 3Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 4Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 5Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 6Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 7Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 8Page - List of Unclassifed Manufacturers L432VB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
1.24V Low-Voltage Adjustable
Precision Shunt Regulator
NIKO-SEM
L432
NOV-21-2001
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Cathode-Anode Reverse Breakdown Voltage - VKA
20V
Anode-Cathode Forward Current - IAK
1 A
Operating Cathode Current - IKA
100 mA
Reference Input Current - IREF
1 mA
Storage Temperature Range - TSTG
-65 to +150 °C
Junction Temperature - TJ
150 °C
Lead Temperature (Soldering, 10 Seconds) - TL
300 °C
Continuous Power at 25 °C - PD
TO-92
SOIC-8
SOT-23
700 mW
650 mW
200 mW
RECOMMENDED CONDITIONS
TYPICAL THERMAL RESISTANCES
Parameter
Rating
Package
θJA
θJC
Typ. De-rating
Cathode Voltage (VKA)
VREF to 18V
TO-92
160 °C/W
80 °C/W
6.3 mW/°C
Cathode Current (IK)
10 mA
SOIC-8
175 °C/W
45 °C/W
5.7 mW/°C
SOT-23
575 °C/W 150 °C/W
1.7 mW/°C
ELECTRICAL SPECIFICATIONS
(Ambient temperature must be derated base on power dissipation and package thermal characteristics. The conditions are: VKA = VREF and
IK = 10 mA unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNITS
TEST
CIRCUIT
TA = 25 °C, L432 (0.5%) 1.234 1.240 1.246
Output Voltage - VREF
TA = 25 °C, L432 (1%)
1.228 1.240 1.252
V
1
Line Regulation -
∆VREF
VKA = VREF to 15V
28
50
mV
2
Load Regulation -
∆VREF
IK = 1 to 100 mA
3.9
6
mV
1
Temperature Deviation -
∆V
REF
0 < TJ < 105 °C
5
12
mV
1
Reference Input Current - IREF
2.3
6
µA
1
Reference Input Current
Temperature Coefficient -
∆I
REF
0 < TJ < 105 °C
0.14
0.6
µA
1
Minimum Cathode Current
for Regulation - IK(MIN)
0.2
1
mA
1
Off State Leakage - IK(MIN)
VREF = 0V, VKA = 15V
40
500
nA
3
Dynamic impedance
VKA = Vref, f ≦ 1kHz
IK = 0.1 mA to 100 mA
0.25
0.4
Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com