Electronic Components Datasheet Search
  English  ▼

X  

LM3578AN Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3578AN
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AN Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3578AN Datasheet HTML 4Page - National Semiconductor (TI) LM3578AN Datasheet HTML 5Page - National Semiconductor (TI) LM3578AN Datasheet HTML 6Page - National Semiconductor (TI) LM3578AN Datasheet HTML 7Page - National Semiconductor (TI) LM3578AN Datasheet HTML 8Page - National Semiconductor (TI) LM3578AN Datasheet HTML 9Page - National Semiconductor (TI) LM3578AN Datasheet HTML 10Page - National Semiconductor (TI) LM3578AN Datasheet HTML 11Page - National Semiconductor (TI) LM3578AN Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Functional Description (Continued)
and R2. Thus, both inputs to the comparator will have the
potential of the 1.0V reference, V
A. When one input, for
example the non-inverting input, is pulled
∆V away from V
A,
a current of
∆V/R1 will flow through R1. This same current
flows through R2, and the comparator sees a total voltage of
2
∆V between its inputs. The high gain of the system, through
feedback, will correct for this imbalance and return both
inputs to the 1.0V level.
This unusual comparator input stage increases circuit flex-
ibility, while minimizing the total number of external compo-
nents required for a voltage regulator system. The inverting
switching regulator configuration, for example, can be set up
without having to use an external op amp for feedback
polarity reversal (see TYPICAL APPLICATIONS).
OSCILLATOR
The LM2578A provides an on-board oscillator which can be
adjusted up to 100 kHz. Its frequency is set by a single
external capacitor, C
1, as shown in Figure 1, and follows the
equation
f
OSC = 8x10
−5/C
1
The oscillator provides a blanking pulse to limit maximum
duty cycle to 90%, and a reset pulse to the internal circuitry.
OUTPUT TRANSISTOR
The output transistor is capable of delivering up to 750 mA
with a saturation voltage of less than 0.9V. (see Collector
Saturation Voltage and Emitter Saturation Voltage curves).
The emitter must not be pulled more than 1V below ground
(this limit is 0.6V for T
J
≥ 100˚C). Because of this limit, an
external transistor must be used to develop negative output
voltages (see the Inverting Regulator Typical Application).
Other configurations may need protection against violation
of this limit (see the Emitter Output section of the Applica-
tions Information).
CURRENT LIMIT
The LM2578A’s current limit may be referenced to either the
ground or the V
in pins, and operates on a cycle-by-cycle
basis.
The current limit section consists of two comparators: one
with its non-inverting input referenced to a voltage 110 mV
below V
in,
the other with its inverting input referenced
110 mV above ground (see FUNCTIONAL DIAGRAM). The
current limit is activated whenever the current limit terminal
is pulled 110 mV away from either V
in or ground.
Applications Information
CURRENT LIMIT
As mentioned in the functional description, the current limit
terminal may be referenced to either the V
in or the ground
terminal. Resistor R3 converts the current to be sensed into
a voltage for current limit detection.
CURRENT LIMIT TRANSIENT SUPPRESSION
When noise spikes and switching transients interfere with
proper current limit operation, R1 and C1 act together as a
low pass filter to control the current limit circuitry’s response
time.
Because the sense current of the current limit terminal varies
according to where it is referenced, R1 should be less
than 2 k
Ω when referenced to ground, and less than 100Ω
when referenced to V
in.
00871104
FIGURE 1. Value of Timing Capacitor vs
Oscillator Frequency
00871115
FIGURE 2. Current Limit, Ground Referred
00871116
FIGURE 3. Current Limit, V
in Referred
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com