Electronic Components Datasheet Search
  English  ▼

X  

DC34 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DC34
Description  SILICON BIDIRECTIONAL DIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DC34 Datasheet(HTML) 1 Page - Micro Commercial Components

  DC34 Datasheet HTML 1Page - Micro Commercial Components DC34 Datasheet HTML 2Page - Micro Commercial Components DC34 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l
The three layer, two terminal, axial lead, hermetically sealed
diacs are designed specifically for triggering thyristors.
l
These diacs are intended for use in thyrisitors phase control ,
circuits for lamp dimming, universal motor speed control ,and
heat control.
Electrical Characteristics @ 25oC Unless Otherwise Specified
DB3/DC34
AND
DB4
SILICON
BIDIRECTIONAL
DIAC
Power dissipation
on Printed
Circuit(l=10mm)
PC
150mW
T
A=65
oC
Repetitive Peak
on-state Current
DB3,DC34,DB4
ITRM
2.0A
Breakover Voltage
Symmetry
DB3, DC34, DB4
|+VBO|
-|-V
BO|
±3V
C=22nF(Note 3)
Voltage(Note 2)
V
o(min)
5V
Breakover
Current(Note 2)
IBO(max)
100
µA
C=22nF
Rise Time(Note 2)
Tr
1.5us
Leakage
Current(Note 2)
IB(max)
10
µA
VB=0.5VBO(max)
DO-35G
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.150
---
3.8
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.083
---
27.50
---
A
B
C
D
D
DIMENSIONS
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: C
2012/06/20
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Type number is marked.
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
• Moisture Sensitivity: Level 1
2. Electrical characteristics applicable in both forward and
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 7(C)-I.
reverse directions.
3. Connected in parallel with the devices.
tp=10us, f=100HZ
Breakover Voltage
DB3
DC34
DB4
VBO
Min Typ Max
28 32 36V
30 34 38V
35 40 45V
C=22nF(Note 3)
Output
Dynamic Breakover
Voltage
Δ V
VBO and VF at10mA
(Note 2)
5V(Min.)
l
Operating Temperature: -40
oC to +125oC
l
Storage Temperature: -40
oC to +125oC
l
Thermal Resistance Junction to Lead:167 C/W
l
Thermal Resistance Junction to Ambient: 400 C/W
Maximum Ratings
o
o
NOT RECOMMENDED FOR NEW DESIGNS


Similar Part No. - DC34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DC34 STMICROELECTRONICS-DC34 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DC34 CHENYI-DC34 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
SEMTECH ELECTRONICS LTD...
DC34 SEMTECH_ELEC-DC34 Datasheet
195Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Micro Commercial Compon...
DC34 MCC-DC34 Datasheet
413Kb / 3P
SILICON BIDIRECTIONAL DIAC
DC34 MCC-DC34 Datasheet
537Kb / 3P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DC34

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com