Electronic Components Datasheet Search
  English  ▼

X  

ESD15VL Datasheet(PDF) 3 Page - Micro Commercial Components

Part # ESD15VL
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD15VL Datasheet(HTML) 3 Page - Micro Commercial Components

  ESD15VL Datasheet HTML 1Page - Micro Commercial Components ESD15VL Datasheet HTML 2Page - Micro Commercial Components ESD15VL Datasheet HTML 3Page - Micro Commercial Components ESD15VL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.mccsemi.com
Revision: A
2017/07/14
3 of 4
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Micro Commercial Components
M C C
R
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Clamping Voltage vs. Peak Pulse Current
Power Derating Curve
8 X 20uS Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature_Ta(℃)
0.01
0.1
1
10
0.1
1.0
10.0
100.0
1000.0
Pulse Duration_tp (uS)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com