Electronic Components Datasheet Search
  English  ▼

X  

ESD24VLB Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESD24VLB
Description  ESD Protection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD24VLB Datasheet(HTML) 2 Page - Micro Commercial Components

  ESD24VLB Datasheet HTML 1Page - Micro Commercial Components ESD24VLB Datasheet HTML 2Page - Micro Commercial Components ESD24VLB Datasheet HTML 3Page - Micro Commercial Components ESD24VLB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
Revision: A
2016/03/30
2 of 4
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
24
V
Breakdown Voltage
VBR
27
V
IT = 1mA
Reverse Leakage Current
IR
0.1
µA
VRWM =
24V
Clamping Voltage
VC
40
V
IPP = 1A
,(8x20us pulse)
Junction Capacitance
CJ
20
pF
VR = 0V, f = 1MHz
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Micro Commercial Components
M C C
R
Reverse Voltage_VR(V)
Junction Capacitance vs. Reverse Voltage
Pulse Duration_tp(uS)
Peak Pulse Power vs. Pulse Time
0.01
0.1
1
25
10
0.1
1
10
100
1000
0
5
10
15
20
0
5
10
15
20
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com