Electronic Components Datasheet Search
  English  ▼

X  

HAL2830 Datasheet(PDF) 21 Page - Micronas

Part # HAL2830
Description  Linear Hall-Effect Sensor Family with SENT Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2830 Datasheet(HTML) 21 Page - Micronas

Back Button HAL2830_16 Datasheet HTML 17Page - Micronas HAL2830_16 Datasheet HTML 18Page - Micronas HAL2830_16 Datasheet HTML 19Page - Micronas HAL2830_16 Datasheet HTML 20Page - Micronas HAL2830_16 Datasheet HTML 21Page - Micronas HAL2830_16 Datasheet HTML 22Page - Micronas HAL2830_16 Datasheet HTML 23Page - Micronas HAL2830_16 Datasheet HTML 24Page - Micronas HAL2830_16 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DATA SHEET
HAL 283x
Micronas
Jan. 18, 2016; DSH000165_002EN
21
Digital I/O (DIO) Pin
VOL
Output Low Voltage
DIO

0.6
0.2
0.09
VIOL = 20 mA
IOL = 5 mA
IOL = 2.2 mA
Output Resolution
DIO

16
bit
Depending on programming
of the sensor and on sensor
type
Outnoise
Output noise (rms)
DIO
1
2
LSB12
B = 0 mT, ±100 mT range,
FS = 2kHz,
TJ = 25°C
tstartup_SP
Power-Up Time of the signal
processing (VSUP on till end
of CRC nibble)
DIO
9
10.2
ms
HAL2830 or HAL2831,
POST = 0,
TICK = 3, FS = 2 kHz
15
18
HAL2830 or HAL2831,
POST = 1 or 5,
TICK = 3, FS = 2 kHz
36
40
HAL2830 or HAL2831,
POST = 3 or 7,
TICK = 3, FS = 2 kHz
6.6
7.5
HAL 2832 or HAL2833,
POST = 0,HAL 2832
TICK = 3, FS = 2 kHz
12.5
14
HAL 2832 or HAL2833,
POST = 1 or 5,
TICK = 3, FS = 2 kHz
36
40
HAL 2832 or HAL2833,
POST = 3 or 7,
TICK = 3, FS = 2 kHz
SENT Interface
V/t
fall
Falling Edge Slew Rate
DIO
1.4
2
2.6
V/µs
ttick = 2.00 µs to 2.5 µs
Measured between 70%
and 30%, VPull-Up = 5 V,
RPull-UP = 1 k, CL = 470 pF
0.7
1
1.3
ttick = 2.75 µs to 17.8 µs
Measured between 70%
and 30%, VPull-Up = 5 V,
RPull-UP = 1 k, CL = 1 nF
V/t
rise
Rising Edge Slew Rate
DIO
1.4
2
2.6
V/µs
ttick = 2.00 µs to 2.5 µs
Measured between 30%
and 70%, VPull-Up = 5 V,
RPull-UP = 1 k, CL = 470 pF
0.35
0.5
0.65
ttick = 2.75 µs to 17.8 µs
Measured between 30%
and 70%, VPull-Up = 5 V,
RPull-UP = 1 k, CL = 1 nF
tstartup_SENT
Power-Up Time of the SENT
Interface
DIO
0.1
0.2
ms
POST = 0
8.4
9.5
POST > 0
ttick
Clock Tick Time
DIO
2.001)
17.75 1)
µs
tnlow
Nibble Low Time2)
DIO
3.00
6.75
ttick
Due to truncation errors, the
max. low time may be
slightly smaller at some
clock tick times.
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com