Electronic Components Datasheet Search
  English  ▼

X  

BCR30 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # BCR30
Description  MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR30 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  BCR30 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR30 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR30 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR30 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR30 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR30GM
MEDIUM POWER USE
INSULATED TYPE, GLASS PASSIVATION TYPE
APPLICATION
Contactless AC switches, light dimmer,
on/off and speed control of small induction motors, on/off control of copier lamps,
microwave ovens
BCR30GM
•IT (RMS) ...................................................................... 30A
•VDRM ..............................................................400V/600V
•IFGT !, IRGT !, IRGT # ........................................... 50mA
•Viso ........................................................................ 2200V
• UL Recognized: File No. E80276
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
—
Viso
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Mounting torque
Weight
Isolation voltage
Conditions
Commercial frequency, sine full wave 360
° conduction,
Tb=60
°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Screw M4
Typical value
Ta=25
°C, AC 1 minute, T2 · T1 · G terminal to base
Unit
A
A
A2s
W
W
V
A
°C
°C
kg·cm
N·cm
g
V
Ratings
30
300
375
5
0.5
10
2
–40 ~ +125
–40 ~ +125
15
1.47
26
2200
V1. Gate open.
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage
V1
Non-repetitive peak off-state voltage V1
Voltage class
Unit
V
V
MAXIMUM RATINGS
8
400
500
12
600
720
20.2 MAX
39.2 MAX
2-
φ4.2
2
5.0 MIN
20.1 MAX
1
3
21.6 MAX
30.0±0.2
2
1
3
7.0
7.0
φ1.55(G)
8.25
6.35
φ2.0(T1,T2)
1.5
T1 TERMINAL
INDICATION
TRADEMARK
3-
φ1.3
TYPE
NAME
Tb TEST POINT
LOT No.
VOLTAGE
CLASS
GATE
TERMINAL
INDICATION
∗
OUTLINE DRAWING
Dimensions
in mm
BCR30GM (C TYPE)
1
2
3
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL


Similar Part No. - BCR30

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR30 MITSUBISHI-BCR30 Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR30AM POWEREX-BCR30AM Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
BCR30AM-12 POWEREX-BCR30AM-12 Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
BCR30AM-12L POWEREX-BCR30AM-12L Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
More results

Similar Description - BCR30

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR10UM MITSUBISHI-BCR10UM Datasheet
55Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR12UM MITSUBISHI-BCR12UM Datasheet
56Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16HM MITSUBISHI-BCR16HM Datasheet
91Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16UM MITSUBISHI-BCR16UM Datasheet
55Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR8UM MITSUBISHI-BCR8UM Datasheet
55Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR6PM MITSUBISHI-CR6PM Datasheet
69Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR8PM MITSUBISHI-CR8PM Datasheet
67Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR6PM POWEREX-CR6PM Datasheet
69Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR8PM POWEREX-CR8PM Datasheet
67Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com