Electronic Components Datasheet Search
  English  ▼

X  

MAX4781 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4781
Description  High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4781 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4781 Datasheet HTML 1Page - Maxim Integrated Products MAX4781 Datasheet HTML 2Page - Maxim Integrated Products MAX4781 Datasheet HTML 3Page - Maxim Integrated Products MAX4781 Datasheet HTML 4Page - Maxim Integrated Products MAX4781 Datasheet HTML 5Page - Maxim Integrated Products MAX4781 Datasheet HTML 6Page - Maxim Integrated Products MAX4781 Datasheet HTML 7Page - Maxim Integrated Products MAX4781 Datasheet HTML 8Page - Maxim Integrated Products MAX4781 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Speed, Low-Voltage, 0.7
Ω CMOS Analog
Switches/Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(VCC = +2.7V to +3.6V, GND = 0, VIH = 1.4V, VIL = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
VCC, A, B, C, and ENABLE ...............................-0.3V to +4.6V
Voltage at Any Other Terminal
(Note 1)...................................................-0.3V to (VCC + 0.3V)
Continuous Current into A, B, C, ENABLE........................±10mA
Continuous Current into X, Y, Z, X_, Y_, Z_ ....................±150mA
Peak Current into X, Y, Z, X_, Y_, Z_
(pulsed at 1ms, 10% duty cycle)................................±300mA
Continuous Power Dissipation
16-Pin Thin QFN (derate 16.9mW/°C above +70°C) ...1349mW
16-Pin TSSOP (derate 5.7mW/°C above +70°C) ........ 457mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on X, Y, Z, X_, Y_, and Z_ exceeding VCC or GND are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VX, VY, VZ,
VX_, VY_, VZ_
0VCC
V
+25°C
0.7
1
On-Resistance (Note 4)
RON
VCC = +2.7V; IX_, IY_, IZ_ =
100mA; VX, VY, VZ = 1.7V
TMIN to TMAX
1.2
Ω
+25°C
0.3
0.4
On-Resistance Match
Between Channels
(Notes 4, 5)
∆RON
VCC = +2.7V; IX_, IY_, IZ_ =
100mA; VX, VY, VZ = 1.7V
TMIN to TMAX
0.6
Ω
+25°C
0.1
0.2
On-Resistance Flatness
(Note 6)
RFLAT(ON)
VCC = +2.7V; IX_, IY_, IZ_ =
100mA; VX, VY, VZ = 0, 0.7V,
1.7V
TMIN to TMAX
0.2
Ω
+25°C
-2
0.002
+2
X_, Y_, Z_
Off-Leakage Current
IX_(OFF)
IY_(OFF)
IZ_(OFF)
VCC = +3.6V;
V X_, VY_, VZ_ = 3.3V, 0.3V; VX,
VY, VZ = 0.3V, 3.3V
TMIN to TMAX
-7
+7
nA
+25°C
-2
0.002
+2
X Off-Leakage Current
(MAX4781 Only)
IX(OFF)
VCC = +3.6V;
VX_ = 3.3V, 0.3V;
VX_ = 0.3V, 3.3V
TMIN to TMAX
-50
+50
nA
+25°C
-2
0.002
+2
X On-Leakage Current
(MAX4781 Only)
IX(ON)
VCC = +3.6V
VX_ = 0.3V, 3.3V;
VX_ = 0.3V, 3.3V or floating
TMIN to TMAX
-50
+50
nA
+25°C
-2
0.002
+2
X, Y, Z Off-Leakage Current
(MAX4782/MAX4783 Only)
IX(OFF)
IY(OFF)
IZ(OFF)
VCC = +3.6V;
VX_, VY_, VZ_ = 3.3V, 0.3V; VX,
VY, VZ = 0.3V, 3.3V
TMIN to TMAX
-25
+25
nA
+25°C
-2
0.002
+2
X, Y, Z On-Leakage Current
(MAX4782/MAX4783 Only)
IX(ON)
IY(ON)
IZ(ON)
VCC = +3.6V;
VX, VY, VZ = 0.3V, 3.3V; VX, VY,
VZ = 0.3V, 3.3V or floating
TMIN to TMAX
-25
+25
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com