Electronic Components Datasheet Search
  English  ▼

X  

MAX4783 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4783
Description  High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4783 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4783 Datasheet HTML 2Page - Maxim Integrated Products MAX4783 Datasheet HTML 3Page - Maxim Integrated Products MAX4783 Datasheet HTML 4Page - Maxim Integrated Products MAX4783 Datasheet HTML 5Page - Maxim Integrated Products MAX4783 Datasheet HTML 6Page - Maxim Integrated Products MAX4783 Datasheet HTML 7Page - Maxim Integrated Products MAX4783 Datasheet HTML 8Page - Maxim Integrated Products MAX4783 Datasheet HTML 9Page - Maxim Integrated Products MAX4783 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High-Speed, Low-Voltage, 0.7
Ω CMOS Analog
Switches/Multiplexers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(GND = 0, TA = +25°C, unless otherwise noted.)
MAX4781 Pin Description
FREQUENCY RESPONSE
FREQUENCY (Hz)
100
100k
1M
10M
1k
10k
100M
-110
-90
-70
-50
-30
10
-10
VCC = 3V
ON-RESPONSE
CROSSTALK
OFF-ISOLATION
0.08
0.02
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0.03
0.04
0.05
0.06
0.07
VCC = 3V
PIN
TSSOP
THIN QFN
NAME
FUNCTION
3
1
X
Analog Switch Output
64
ENABLE
Digital Enable Input. Normally connect to GND. Drive to logic high to set all switches
off.
7
5
N.C.
No Connection. Not internally connected.
8
6
GND
Ground
9
7
C
Digital Address C Input
10
8
B
Digital Address B Input
11
9
A
Digital Address A Input
13, 14, 15,
12, 1, 5, 2,
4
11, 12, 13,
10, 15, 3,
16, 2
X0–X7
Analog Switch Inputs X0–X7
16
14
VCC
Positive Analog and Digital Supply Voltage Input
—
EP
PAD
Exposed Pad. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com