Electronic Components Datasheet Search
  English  ▼

X  

MM1095AF Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1095AF
Description  System Reset (with built-in watchdog timer)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1095AF Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1095AF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUMI
System Reset (with built-in watchdog timer) MM1095
Electrical Characteristics (DC) (Except where noted otherwise, MM1095A : Vcc=3.6V, Ta = 25°C, MM1095B: Vcc=5.0V)
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Units
Consumption
MM1095A
ICC
During watchdog timer operation
100
150
current
MM1095B
130
195
µA
MM1095A
VSL
3.10
3.20
3.30
Detection
MM1095B
4.05
4.20
4.35
V
voltage
MM1095A
VSH
3.15
3.25
3.35
MM1095B
4.15
4.30
4.45
Detection voltage
VS/
T
±0.01
%/°C
temperature coefficient
Hysteresis voltage
MM1095A
VHYS
25
50
100
mV
MM1095B
50
100
150
CK input threshold
VTH
0.8
1.2
2
V
CK input current
IIH
A : VCK=3.6V, B : VCK=5.0V
0
1
µA
IIL
VCK=0V
-12
-6
-2
Output voltage MM1095A
VOH
I=-1µA
3.0
3.4
V
(High)
MM1095B
VS=OPEN
4.0
4.5
Output voltage (Low)
VOL1
I
=0.5mA, VS=0V
0.2
0.4
V
VOL2
I
=1.0mA, VS=0V
0.3
0.5
R output sync current
IOL
V
=1.0V, VS=0V
1
2
mA
CT charge current
ICT1
VTC=1.0V during watchdog timer operation
-1.60
-2.40
-4.80
µA
ICT2
VTC=1.0V during power ON reset operation
-0.16
-0.24
-0.48
µA
Minimum operating power
supply voltage to ensure RESET
--------------------------------------------------------------------------
VCCL
0.8
1.0
V
RESET
------------------------------------------
RESET
------------------------------------------
RESET
------------------------------------------
RESET
------------------------------------------
VS=OPEN, VCC
VS=OPEN, VCC
V
=0.4V
I
=0.1mA
RESET
------------------------------------------
RESET
------------------------------------------
VSH-VSL, VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com