Electronic Components Datasheet Search
  English  ▼

X  

CM8561 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM8561
Description  1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM8561 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM8561 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8561 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8561 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8561 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8561 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CM8561
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
2003/07/15
Preliminary Rev. 1.0
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
!
Ideal for DDR-I and DDR-II
!
8-pin SOIC package
!
Source and sink up to 1.5A, no heat sink required
!
Integrated power MOSFETs
!
Programmable output voltage by external resistors
!
Output voltage could go down to 0.6V
!
Iccq at VCCA ~ 230uA
!
Current limit protection and Short Circuit protection
!
Thermal shutdown protection
!
Shutdown for standby or suspend mode operation
!
Minimum external components
The CM8561 is a low cost linear regulator designed to provide
a desired output voltage or termination voltage for various
applications by converting voltage supplies ranging from 1.6V
to 6.0V. The desired output voltage could be programmable
by two external voltage divider resistors.
The CM8561 is capable of sourcing or sinking up to 1.5A of
current while regulating an output VOUT voltage to within 2%
(DDR-I), 3% (DDR-II) or less.
The CM8561 provides low profile 8-pin SOIC package to save
system space.
APPLICATIONS
!
Mother Board
!
PCI/AGP Graphics
!
Game/ Play Station
!
Set Top Box
!
IPC
!
SCSI-III Bus terminator
PIN CONFIGURATION
SOP-8 (S08)
Top View
1
2
3
4
8
7
6
5
VIN
VOUT
REFEN
VCCA
GND
GND
GND
GND


Similar Part No. - CM8561

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8561GIS CHAMP-CM8561GIS Datasheet
144Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8561IS CHAMP-CM8561IS Datasheet
144Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results

Similar Description - CM8561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8501 ETC-CM8501 Datasheet
396Kb / 10P
1.5A BUS TERMINATOR
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
1.5A BUS TERMINATOR
CM8562P ETC1-CM8562P Datasheet
168Kb / 5P
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8501 CHAMP-CM8501 Datasheet
415Kb / 10P
1.5A BUS TERMINATOR
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
1.5A BUS TERMINATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B Datasheet
159Kb / 6P
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
UR6516B UTC-UR6516B_13 Datasheet
107Kb / 4P
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com