Electronic Components Datasheet Search
  English  ▼

X  

CM8561IS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM8561IS
Description  1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM8561IS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM8561IS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8561IS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8561IS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8561IS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8561IS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CM8561
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
2003/07/15
Preliminary Rev. 1.0
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Operating Rating
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
VIN
Input Power
2.5/1.8
6
V
2
VOUT
Output Voltage
6
V
5,6,7,8
GND
Ground
3
REFEN
Reference Voltage Input and Chip Enable
VCCA-1.9
V
4
VCCA
Voltage supply for internal circuits
6
V
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM8561IS
-40℃ to 85℃
8-Pin SOP (S08)
BLOCK DIAGRAM
Current Limit
Thermal
VCCA
GND
VIN
Protection
Control
REFEN
VOUT
APPLICATION CIRCUITS
EN
VCCA
VOUT
VIN
COUT
200uF
CIN
470uF
R2
100k
CVCCA
10uF
CSS
1uF
Q1
R1
100k
REFEN
VOUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com