Electronic Components Datasheet Search
  English  ▼

X  

ADC124S101 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC124S101
Description  4 Channel, 1 MSPS, 10-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC124S101 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC124S101 Datasheet HTML 1Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 2Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 3Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 4Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 5Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 6Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 7Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 8Page - National Semiconductor (TI) ADC124S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Ordering Information
Order Code
Temperature Range
Description
Top Mark
ADC104S101CIMM
−40˚C to +85˚C
10-Lead MSOP Package
X26C
ADC104S101CIMMX
−40˚C to +85˚C
10-Lead MSOP Package, Tape & Reel
X26C
ADC104S101EVAL
Evaluation Board
Block Diagram
20125007
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Description
ANALOG I/O
4-7
IN1 to IN4
Analog inputs. These signals can range from 0V to V
A.
DIGITAL I/O
10
SCLK
Digital clock input. This clock directly controls the conversion
and readout processes.
9
DOUT
Digital data output. The output samples are clocked out of this
pin on falling edges of the SCLK pin.
8
DIN
Digital data input. The ADC104S101’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
2V
A
Positive supply pin. This pin should be connected to a quiet
+2.7V to +5.25V source and bypassed to GND witha1µF
capacitor and a 0.1 µF monolithic capacitor located within 1
cm of the power pin.
3
GND
The ground return for the analog supply and signals.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com