Electronic Components Datasheet Search
  English  ▼

X  

8412NGMLV Datasheet(PDF) 1 Page - ebm-papst

Part # 8412NGMLV
Description  DC axial compact fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8412NGMLV Datasheet(HTML) 1 Page - ebm-papst

  8412NGMLV Datasheet HTML 1Page - ebm-papst 8412NGMLV Datasheet HTML 2Page - ebm-papst 8412NGMLV Datasheet HTML 3Page - ebm-papst 8412NGMLV Datasheet HTML 4Page - ebm-papst 8412NGMLV Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC axial compact fan
8412 NGMLV
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Str. 1
D-78112 St. Georgen
Phone +49 (0) 7724 81-0
Fax +49 (0) 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
8412 NGMLV
Nominal voltage
VDC
12
Nominal voltage range
VDC
8 .. 14
Speed (rpm)
min-1
2050
Power consumption
W
1.5
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
65
Air flow
m3/h
45
Sound power level
B
3.9
Sound pressure level
dB(A)
19
ml = Max. load · me = Max. efficiency · fa = Free air · cs = Customer specification · ce = Customer equipment
Subject to change
ENU (Web) · Approved 2016-06-22 · Page 1 / 5
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - 8412NGMLV

ManufacturerPart #DatasheetDescription
logo
ebm-papst
8412NGMLV EBMPAPST-8412NGMLV Datasheet
147Kb / 4P
DC axial compact fan
8412NGMLV EBMPAPST-8412NGMLV Datasheet
226Kb / 1P
DC axial fans
More results

Similar Description - 8412NGMLV

ManufacturerPart #DatasheetDescription
logo
ebm-papst
252N EBMPAPST-252N Datasheet
282Kb / 3P
DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
DC axial compact fan
3314G EBMPAPST-3314G Datasheet
302Kb / 4P
DC axial compact fan
3412NGH EBMPAPST-3412NGH Datasheet
285Kb / 4P
DC axial compact fan
3412NGV EBMPAPST-3412NGV Datasheet
297Kb / 4P
DC axial compact fan
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com