Electronic Components Datasheet Search
  English  ▼

X  

PLT5450B Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PLT5450B
Description  Blue Laser Diode in TO56 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5450B Datasheet(HTML) 2 Page - OSRAM GmbH

  PLT5450B Datasheet HTML 1Page - OSRAM GmbH PLT5450B Datasheet HTML 2Page - OSRAM GmbH PLT5450B Datasheet HTML 3Page - OSRAM GmbH PLT5450B Datasheet HTML 4Page - OSRAM GmbH PLT5450B Datasheet HTML 5Page - OSRAM GmbH PLT5450B Datasheet HTML 6Page - OSRAM GmbH PLT5450B Datasheet HTML 7Page - OSRAM GmbH PLT5450B Datasheet HTML 8Page - OSRAM GmbH PLT5450B Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
19.09.2016
2
DRAFT - This design is for Reference only. Subject to change
without notice.
Version 0.4
PLT5 450B
Ordering Information
Maximum Ratings
Operation outside these conditions may damage the device. Operation at maximum ratings may influence
lifetime.
Laser Characteristics (Tcase = 25 °C)
Type:
Optical Output Power
Ordering Code
Popt (Tcase= 25 °C)
PLT5 450B
80 mW
Q65111A7459
Parameter
Symbol
Values
Unit
min.
max.
Optical Output Power
Popt max
120
mW
Operating Current
IF
165
mA
Operating Temperature
Tcase
-40
+70
°C
Storage Temperature
Tstg
-40
+85
°C
Reverse Voltage
VR
2V
Soldering Temperature max. 10 sec.
Tsolder
260
°C
Junction temperature
Tj
150
°C
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission Wavelength 1)
1) Standard operating conditions refer to a continuous wave output power of Popt = 80 mW.
λpeak
440
450
460
nm
Spectral Width (FWHM) 1)
Δλ
–2–
nm
Threshold Current
Ith
–17
60
mA
Operating Current 1)
IF
–
75
145
mA
Operating Voltage 1)
VF
–5.2
6.5
V
Beam Divergence (FWHM) 1)
θ∥ x
θ⊥
4 x
18
6.5 x
22
7.5 x
25
deg
Polarization 1)
Pgr
–
100:1
–
Modulation Frequency
f
–
>100
–
MHz
Thermal resistance (junction to case)
Rth
–34–
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com