Electronic Components Datasheet Search
  English  ▼

X  

SFH5711 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5711
Description  High Accuracy Ambient Light Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5711_16 Datasheet HTML 1Page - OSRAM GmbH SFH5711_16 Datasheet HTML 2Page - OSRAM GmbH SFH5711_16 Datasheet HTML 3Page - OSRAM GmbH SFH5711_16 Datasheet HTML 4Page - OSRAM GmbH SFH5711_16 Datasheet HTML 5Page - OSRAM GmbH SFH5711_16 Datasheet HTML 6Page - OSRAM GmbH SFH5711_16 Datasheet HTML 7Page - OSRAM GmbH SFH5711_16 Datasheet HTML 8Page - OSRAM GmbH SFH5711_16 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.7
SFH 5711
2015-12-22
3
Grouping (T
A = 25 °C)
Deviation of output characteristics from logarithmic
function
(Fig.: Circuitry)
(min)
(max)
L
L
-3
3
%
%
Output voltage
(typ)
V
OUT high
VCC - 0.5
V
Rise time
(RL = 25 kΩ, C = 1 nF,
Fig.: Definition of Response Time, EV = 100 → 1000
lx)
(typ)
t
r
30
µs
Fall time
(R
L = 25 kΩ, C = 1 nF,
Fig.: Definition of Response Time, E
V = 1000 → 100
lx)
(typ)
tf
100
µs
Power on time
(EV = 1000 lx, VCC = 0 V → VCC)
(typ)
(max)
tON
tON
0.1
1.2
ms
ms
Output accuracy over temperature range
(EV = 1000 lx, TA = -40 °C ... 100 °C)
(min)
(typ)
(max)
-2
±1
2
µA
Output accuracy over temperature range
(E
V = 1000 lx, TA = -30 °C ... 70 °C)
(min)
(typ)
(max)
-1.5
±0.6
1.5
µA
Output accuracy over temperature range
(EV = 1000 lx, TA = 0 °C ... 50 °C)
(min)
(typ)
(max)
-0.7
±0.2
0.7
µA
Output dark current
(E
V = 0lx )
(typ)
(max)
I
OUT_dark
I
OUT_dark
0.1
100
nA
nA
Group
Output current
E
V = 1000 lx (white LED LW 541C)
IOUT
SFH 5711-1
25 ... 28
SFH 5711-2
27 ... 30
SFH 5711-3
29 ... 32
SFH 5711-4
31 ... 34
Note:
3 µA bin width is equivalent to a spread of 1:2 of the irradiance.
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com