Electronic Components Datasheet Search
  English  ▼

X  

SFH7050 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # SFH7050
Description  BioMon Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7050 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button SFH7050 Datasheet HTML 11Page - OSRAM GmbH SFH7050 Datasheet HTML 12Page - OSRAM GmbH SFH7050 Datasheet HTML 13Page - OSRAM GmbH SFH7050 Datasheet HTML 14Page - OSRAM GmbH SFH7050 Datasheet HTML 15Page - OSRAM GmbH SFH7050 Datasheet HTML 16Page - OSRAM GmbH SFH7050 Datasheet HTML 17Page - OSRAM GmbH SFH7050 Datasheet HTML 18Page - OSRAM GmbH SFH7050 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Version 1.1
SFH7050
2016-04-20
15
Diagrams for detector
Relative spectral sensitivity
1)
S
rel = f(), TA = 25 °C
Photocurrent
1)
I
P(VR = 5 V), TA = 25 °C
Dark current
1)
I
R = f(VR), E = 0 mW/cm
2, T
A = 25 °C
Capacitance
1)
C = f(V
R), f = 1 MHz, E = 0 mW/cm
2, T
A = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com