Electronic Components Datasheet Search
  English  ▼

X  

PE3C3413 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3413
Description  Reverse Polarity SMA Male to BNC Male Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3413 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3413 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3413 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3413 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3413 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Reverse Polarity
• Connector 2: BNC Male
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.5:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Jacket Spark
2,000
Vrms
.
dB/m
dB/m
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.102 in [2.59 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity SMA Male to BNC Male Cable Using RG316 Coax PE3C3413
PE3C3413 REV 1.0
Reverse Polarity SMA Male to BNC Male
Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3413


Similar Part No. - PE3C3413

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3413-12 PASTERNACK-PE3C3413-12 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable12 Inch Length Using RG316 Coax
PE3C3413-24 PASTERNACK-PE3C3413-24 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C3413-36 PASTERNACK-PE3C3413-36 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C3413-48 PASTERNACK-PE3C3413-48 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C3413-60 PASTERNACK-PE3C3413-60 Datasheet
369Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 60 Inch Length Using RG316 Coax
More results

Similar Description - PE3C3413

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3332 PASTERNACK-PE3C3332 Datasheet
363Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG174 Coax
PE3C3412 PASTERNACK-PE3C3412 Datasheet
362Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG188 Coax
PE3C3413-12 PASTERNACK-PE3C3413-12 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable12 Inch Length Using RG316 Coax
PE3C3413-24 PASTERNACK-PE3C3413-24 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C3413-36 PASTERNACK-PE3C3413-36 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C3413-48 PASTERNACK-PE3C3413-48 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C3413-60 PASTERNACK-PE3C3413-60 Datasheet
369Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C3413-72 PASTERNACK-PE3C3413-72 Datasheet
367Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 72 Inch Length Using RG316 Coax
PE3C3413LF PASTERNACK-PE3C3413LF Datasheet
370Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
PE3C3414 PASTERNACK-PE3C3414 Datasheet
361Kb / 4P
Reverse Polarity TNC Male to BNC Male Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com