Electronic Components Datasheet Search
  English  ▼

X  

SPMC802B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SPMC802B
Description  32-pin General Purpose Microcontroller (OTP)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SPMC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 12Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 13Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 14Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 15Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
SPMC802B
6. ELECTRICAL CHARACTERISTICS
6.1. Item Definition
Symbol
Definition
Symbol
Definition
VIH
Input High Voltage
IOH
Output High Current (Source)
VIL
Input Low Voltage
IOL
Output Low Current (Sink)
VTH
Input Threshold Voltage
IZ
Output Leakage Current (Source)
SFV
Frequency Stability
RP
Pull-Up/Down Resistance
DFV
Frequency Deviation
6.2. Absolute Maximum Rating
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Storage Temperature
TSTR
-40
-
125
ºC
Operating Ambient Temperature
TOPR
0
-
70
ºC
Voltage Rating on Input
VIN
-0.3
-
VDD +0.3
V
Voltage Rating on VDD
-0.3
-
7.0
V
Output Voltage
VOUT
0
-
VDD
V
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or damage to the device. For normal operational
conditions see AC/DC Electrical Characteristics.
6.3. Recommended Operating Conditions
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Supply Voltage
VDD
3.0
-
5.5
V
CPU Clock (Internal CPU clock)
fCPU
200K
-
6.0M
Hz
VDD = 5.0V
Power Consumption
IDD
-
5.0
-
mA
fCPU = 6.0MHz @ VDD = 5.0V
Power Down Current*
IPD
-
-
10
µA
VDD = 5.0V
Power Up Initial Voltage
VINIT
-
-
0.5
V
Power On Reset Time
tPOR
50
-
-
ms
VDD starts from VINIT
LVR Trigger Voltage
VLVR
-
2.2
-
V
Note: The power-down current is measured in SLEEP mode with all I/O pins in hi-impedance state and tied to VDD or VSS.
6.4. PIN Attribute Description (VDD = 5.0V, TA = 0ºC~70ºC)
Mnemonic
Description
Symbol
Min.
Typ.
Max.
Unit
Condition
SFV
-
-
±5.0
%
(f5.5V-f4.5V)/f5.0V *
DFV
-
-
±10
%
VDD = 5.0V
XI, XO
Special Input Cell Pair for RC
oscillation
RP
-
27
-
K
Ω
fCPU_5.0V = 6.0MHz
VIH
2.0
-
-
V
VIL
-
-
0.8
V
IOL
8.0
-
-
mA
VOL = 0.5V
PA7:6
Input with Schmitt Trigger
with Fixed Pull-Up R
8mA Open-Drain Output
IP
-
1.0
-
mA
VIN = VSS
VIH
3.5
-
-
V
VIL
-
-
1.4
V
IOH
8.0
-
-
mA
VOH = 2.4V
IOL
8.0
-
-
mA
VOL = 0.5V
PA5:0
PB7:6, 3, 0
PC7:0
Input with Pull-Up/Down
option
8mA Output
IP
-
50
-
µA
VIN = VDD or VSS
PB5
Input with Schmitt Trigger
VIH
2.4
-
-
V
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
12
AUG. 07, 2002
Version: 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com